Electronic Components Datasheet Search
  English  ▼

X  

IR3513Z Datasheet(PDF) 3 Page - International Rectifier

Part # IR3513Z
Description  XPHASE3TM POL CONTROL IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3513Z Datasheet(HTML) 3 Page - International Rectifier

  IR3513Z Datasheet HTML 1Page - International Rectifier IR3513Z Datasheet HTML 2Page - International Rectifier IR3513Z Datasheet HTML 3Page - International Rectifier IR3513Z Datasheet HTML 4Page - International Rectifier IR3513Z Datasheet HTML 5Page - International Rectifier IR3513Z Datasheet HTML 6Page - International Rectifier IR3513Z Datasheet HTML 7Page - International Rectifier IR3513Z Datasheet HTML 8Page - International Rectifier IR3513Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
IR3513Z
Page 3
May 11, 2009
PIN DESCRIPTION CONTINUED
23
ROSC/OVP
A resistor to LGND to program the oscillator frequency and the OCSET bias current.
Oscillator frequency equals the phase switching frequency. The pin voltage is 0.6V
during normal operation and higher than 1.6V if over-voltage condition is detected.
25
CLKOUT
Frequency is equivalent to the phase switching frequency multiplied by the number
of phases. Connect to CLKIN pins of phase ICs.
26
PHSOUT
Phase timing output switching at the phase frequency. Connect to PHSIN pin of the
first phase IC.
27
PHSIN
Feedback input of the phase timing clock. Connect to the PHSOUT pin of the last
phase IC.
29
VCCLFB
Non-inverting input of the voltage regulator error amplifier. Output voltage of the
regulator is programmed by a resistor divider connected to VCCL.
30
VCCLDRV
Output of the VCCL regulator error amplifier to control an external transistor. The pin
senses the input of the power supply through a resistor at power-up.
31
VCC
Power Input for under voltage lockout (UVLO) detection and supply for internal IC
circuits.
32
SW
Return for high-side driver and reference for GATEL non-overlap comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com