Electronic Components Datasheet Search
  English  ▼

X  

IR3513Z Datasheet(PDF) 16 Page - International Rectifier

Part # IR3513Z
Description  XPHASE3TM POL CONTROL IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3513Z Datasheet(HTML) 16 Page - International Rectifier

Back Button IR3513Z Datasheet HTML 12Page - International Rectifier IR3513Z Datasheet HTML 13Page - International Rectifier IR3513Z Datasheet HTML 14Page - International Rectifier IR3513Z Datasheet HTML 15Page - International Rectifier IR3513Z Datasheet HTML 16Page - International Rectifier IR3513Z Datasheet HTML 17Page - International Rectifier IR3513Z Datasheet HTML 18Page - International Rectifier IR3513Z Datasheet HTML 19Page - International Rectifier IR3513Z Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
IR3513Z
Page 16
May 11, 2009
IR3513Z THEORY OF OPERATION
Block Diagram
The IR3513Z Block diagram is shown in Figure 7, and specific features are discussed in the following sections.
OV
UNDER
VOLTAGE
MONITOR
400K
HEADROOM
CONTROL
0V@START
EN
EN
DISABLE
VCCL UVLO
OC after VRRDY
OC before VRRDY
DETECTION PULSE
VCCL UVLO
OPEN DAISY CHAIN
VCC
VCC UVLO
OPEN SENSE LINE
IIN
HEADROOM CONTR
RESET
FAULT LATCH1
OV
OPEN SENSE LINE
VCCL UVLO
OPEN DAISY CHAIN
EAOUT
RESET
VCCL UVLO
VCCL
S
R
Q
+
-
+
-
+
-
2.2V
VCCL-0.5V
50K
50K
OV
S
R
Q
+
-
50K
+
-
+
-
S
R
Q
50K
PG
SS/DEL
MARGIN
VCCLDRV
VCCLFB
CLKOUT
VCC
ENABLE
FB
EAOUT
VREF
VOSEN-
VOSEN+
VCCL
VOUT
OVSNS
IIN
OCSET
VCCL
VCCL
VCCL
S
R
Q
RESET
DOM
GATEL ENABLE
LATCH
VID4
PHSOUT
IROSC
OC
IROSC
OC
DISABLE
IVOSEN-
VIDSEL
HR
RESET
VDACFAST
IROSC
VID0
VID0
ODC
HR
DELAY
COMPARATOR
3.2V
MARGIN INPUT
COMPARATORS
4.5uA
ENABLE
COMPARATOR
ERROR
AMPLIFIER
0.575V
850mV
800mV
VREF BUFFER
AMPLIFIER
INTERNAL
VREF
-200mV
-100mV
100% DC LIMIT
OSCILLATOR (4 PHASE APPLICATION WAVEFORM SHOWN)
250nS
BLANKING
VCC
VCCL OUTPUT
COMPARATOR
VCCL REGULATOR
AMPLIFIER
1.19V
IDCHG
RESET
DOMINANT
VR READY
LATCH
REMOTE SENSE
AMPLIFIER
0.94
0.86
0.2V
DISCHARGE
COMPARATOR
80mV
120mV
OC DELAY
COUNTER
IVOSEN+
200mV
0.4V
VCCL*0.9
IVOSEN-
SOFT
START
CLAMP
IOCSET
OC LIMIT
COMPARATOR
1.4V
OV
COMPARATOR
85mV
5mV
4 OPEN SENSE
LINE DETECT
COMPARATORS
60mV
UVLO
COMPARATOR
7.4V
7.0V
2.95V
HEADROOM CONTROL
AMPLIFIER
OC LIMIT
AMPLIFIER
+
-
UV CLEARED
FAULT LATCH2
SET
DOMINANT
SS CLEARED
FAULT LATCH1
+
-
DETECTION
PULSE
SET
DOMINANT
S
R
Q
ISOURCE
ISINK
300mV
+
-
8-Pulse
Delay
CLK
D
Q
Q
3K
INTERNAL
CIRCUIT
BIAS
S
R
Q
+
-
CLK
D
Q
OPEN CONTROL
LOOP
COMPARATOR
BOOST
LGND
GATEH
CSIN+
VCCP
CSIN-
GATEL
PGND
RMPOUT
PHSIN
PHSOUT
SW
PWM RESET
VCC
CALIBRATION
CALIBRATION
CALIBRATION
IROSC
DEBUG OFF
PHSIN
VCCL
IROSC
CURRENT SENSE
AMPLIFIER
BODY BRAKING
COMPARATOR
PWM
COMPARATOR
PWM LATCH
SHARE
ADJUST
AMPLIFIER
-
1V
X33
1V
SYNCHRONOUS
RECTIFICATION
DISABLE
COMPARATOR
+
+
+
PWM RAMP
GENERATOR
OVP
COMPARATOR
GATEL NON-
OVERLAP
COMPARATOR
GATEL
DRIVER
GATEH
DRIVER
GATEL NON-
OVERLAP LATCH
GATEH NON-
OVERLAP LATCH
SET
DOMINANT
(LOW=OPEN)
RESET
DOMINANT
X
0.75
DEBUG
COMPARATOR
SET
DOMINANT
150mV
GATEH NON-
OVERLAP
COMPARATOR
NEGATIVE CURRENT
COMPARATOR
0.8V
DACIN-SHARE_ADJ
EAIN
VID4
IOCSET-
IROSC
1.425V
4K
0.8V
+
-
VREF=0.84V
CSIN-
+
-
+
-
VREF=0.76V
ROSC/OVP
0.6V
ROSC BUFFER
AMPLIFIER
CURRENT
SOURCE
GENERATOR
OPEN CONTROL LOOP
0.897X
0V
INV
Figure 7 - Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com