Electronic Components Datasheet Search
  English  ▼

X  

IR3513Z Datasheet(PDF) 28 Page - International Rectifier

Part # IR3513Z
Description  XPHASE3TM POL CONTROL IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3513Z Datasheet(HTML) 28 Page - International Rectifier

Back Button IR3513Z Datasheet HTML 24Page - International Rectifier IR3513Z Datasheet HTML 25Page - International Rectifier IR3513Z Datasheet HTML 26Page - International Rectifier IR3513Z Datasheet HTML 27Page - International Rectifier IR3513Z Datasheet HTML 28Page - International Rectifier IR3513Z Datasheet HTML 29Page - International Rectifier IR3513Z Datasheet HTML 30Page - International Rectifier IR3513Z Datasheet HTML 31Page - International Rectifier IR3513Z Datasheet HTML 32Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
IR3513Z
Page 28
May 11, 2009
VCCL Programming Resistor RVCCLFB1 and RVCCLFB2
Since VCCL voltage is proportional to the MOSFET gate driver loss and inversely proportional to the MOSFET
conduction loss, the optimum voltage should be chosen to maximize the converter efficiency. VCCL linear
regulator consists of an external NPN transistor, a ceramic capacitor and a programmable resistor divider. Pre-
select RVCCLFB1, and calculate RVCCLFB2 from (11).
19
.
1
19
.
1
*
1
2
−
=
VCCL
R
R
VCCLFB
VCCLFB
(11)
VCCL Capacitor CVCCL
The capacitor is selected based on the stability requirement of the linear regulator and the load current to be driven.
The linear regulator supplies the bias and gate drive current of the phase ICs. A 4.7uF normally ensures stable VCCL
performance for most applications.
VCCL Regulator Drive Resistor RVCCLDRV
The drive resistor is primarily dependent on the load current requirement of the linear regulator and the minimum
input voltage requirements. The following equation gives an estimate of the average load current of the switching
phase ICs.
C
VCCL
PHS
VCCL
gt
gb
avg
drive
I
n
I
n
Q
Q
I
_
_
_
)
1
(
)
(
+
−
⋅
+
⋅
+
=
(12)
Qgb and Qgt are the gate charge of the top and bottom FET, IVCCL_PHS is the VCCL current of the phase IC-s,
IVCCL_C is the VCCL current of the controller and n is the number of phases. For a minimum input voltage and a
maximum VCCL, the maximum RVCCLDRV required to use the full pull-down current of the VCCL driver is given by
min
_
/
(max)
7
.
0
(min)
β
avg
drive
I
VCCLDRV
I
VCCL
V
R
−
−
=
(13)
Due to limited pull down capability of the VCCLDRV pin, make sure the following condition is satisfied.
mA
R
VCCL
V
VCCLDRV
I
10
(min)
7
.
0
(max)
<
−
−
(14)
In the above equation, VI( min) and VI( max) is the minimum and maximum anticipated input voltage. If the above
condition is not satisfied there is a need to use a device with higher βmin or Darlington configuration can be used
instead of a single NPN transistor.
Inductor Current Sensing Capacitor CCS and Resistor RCS
The DC resistance of the inductor is utilized to sense the inductor current. Usually the resistor RCS and capacitor CCS
in parallel with the inductor are chosen to match the time constant of the inductor, and therefore the voltage across
the capacitor CCS represents the inductor current. If the two time constants are not the same, the AC component of
the capacitor voltage is different from that of the real inductor current. The time constant mismatch does not affect the
average current sharing among the multiple phases, but affects the current signal ISHARE.
Measure the inductance L and the inductor DC resistance RL. Pre-select the capacitor CCS and calculate RCS as
follows.
CS
L
CS
C
R
L
R
=
(15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com