Electronic Components Datasheet Search
  English  ▼

X  

TDA9897HL/V3 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # TDA9897HL/V3
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9897HL/V3 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button TDA9897HL/V3 Datasheet HTML 37Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 38Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 39Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 40Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 41Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 42Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 43Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 44Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 103 page
background image
TDA9897_TDA9898_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 May 2009
41 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
tacq
acquisition time
[6] -
-
30
ms
Vlock(min)(RMS)
RMS minimum lock-in
voltage
measured on active IF
input pins;
maximum IF gain;
negative modulation mode
W2[7] = 1 and PLL set to
overmodulation mode
W2[2] = 0 and W2[1] = 0
-30
70
µV
Tcy(dah)
digital acquisition help
cycle time
-64
-
µs
tw(dah)
digital acquisition help
pulse width
64
-
-
µs
Ipul(acq)VIF
VIF acquisition pulse
current
sink or source
21
-
33
µA
KO(VIF)
VIF VCO steepness
∆fVIF / ∆VLFVIF
-
26
-
MHz/V
KD(VIF)
VIF phase detector
steepness
∆IVPLL / ∆ϕVCO(VIF)
-33
-
µA/rad
Ioffset(VIF)
VIF offset current
−10
+1
µA
Video output 2 V; pin CVBS[7]
Normal mode (sound carrier trap active) and sound carrier on
Vo(video)(p-p)
peak-to-peak video output
voltage
positive or negative
modulation; W6[1] = 0;
see Figure 10
W4[7] = 0; W7[4] = 0
1.7
2.0
2.3
V
W4[7] = 1; W7[4] = 0
1.7
2.0
2.3
V
W4[7] = 0; W7[4] = 1
1.7
2.0
2.3
V
∆Vo(CVBS)
CVBS output voltage
difference
difference between
L and B/G standard;
W3[7] = 0
W4[7] = 0; W7[4] = 0
−240
-
+240
mV
W4[7] = 1; W7[4] = 0
−240
-
+240
mV
W4[7] = 0; W7[4] = 1
−240
-
+240
mV
difference between
I and B/G standard;
20 % residual carrier at
I standard; W3[7] = 1
W4[7] = 0; W7[4] = 0
−100
-
+100
mV
W4[7] = 1; W7[4] = 0
−100
-
+100
mV
W4[7] = 0; W7[4] = 1
−100
-
+100
mV
Vvideo/Vsync
video voltage to sync
voltage ratio
2.0
2.33
2.75
Table 53.
Characteristics …continued
VP =5V; Tamb =25 °C; see Table 24 for input frequencies; B/G standard is used for the specification (fPC = 38.375 MHz;
fSC = 32.875 MHz; PC / SC = 13 dB; fAF = 400 Hz); input level Vi(IF) = 10 mV (RMS) (sync level for B/G; peak white level
for L); IF input from 50
Ω via broadband transformer 1 : 1; video modulation: Vestigial SideBand (VSB); residual carrier for
B/G is 10 % and for L is 3 %; video signal in accordance with “ITU-T J.63 line 17 and line 330” or “NTC-7 Composite”;
internal Nyquist slope switched on (W7[0] = 0); measurements taken in test circuit of Figure 51; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com