Electronic Components Datasheet Search
  English  ▼

X  

TDA9897HL/V3 Datasheet(PDF) 77 Page - NXP Semiconductors

Part # TDA9897HL/V3
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9897HL/V3 Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button TDA9897HL/V3 Datasheet HTML 73Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 74Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 75Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 76Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 77Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 78Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 79Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 80Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 103 page
background image
TDA9897_TDA9898_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 May 2009
77 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
Video signal related peak-to-peak levels are divided by factor 2
√2 in order to conform with the RMS
value scale of the secondary y-axis, but disregarding the none sine wave signal content.
(1) Signal levels for
−1 dB video output level using maximum RF gain and maximum IF gain.
(2) Signal levels for +1 dB video output level using minimum IF gain.
(3) Signal levels for TOP-adjusted tuner output level using maximum RF gain and adjustment-related
minimum IF gain.
(4) Signal levels for TOP-adjusted tuner output level using minimum RF gain and adjustment-related
minimum IF gain.
(5) TOP-adjusted tuner output level.
(6) TOP-adjusted VIF amplifier input level.
(7) Minimum antenna input level at
−1 dB video level.
Fig 35. Front-end level diagram
001aaf639
120
100
80
60
40
20
0
antenna
input
level
(dB
µV)
video
amplifier
demodulator
VIF
amplifier
band-pass
tuner
IF demodulator, TDA989x
X3450L
TD1716
IF signal
RMS
values
(V)
1
10−1
10−2
10−3
10−4
10−5
10−6
(7)
(1)
(3)
(4)
(2)
(5)
(6)
IF gain
control
range
RF
gain
control
range
IF gain
control
range limited
by TOP
adjustment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com