Electronic Components Datasheet Search
  English  ▼

X  

TDA9897HL/V3 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # TDA9897HL/V3
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9897HL/V3 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button TDA9897HL/V3 Datasheet HTML 40Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 41Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 42Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 43Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 44Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 45Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 46Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 47Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 103 page
background image
TDA9897_TDA9898_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 May 2009
44 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
I standard; see Figure 25[12]
α
ripple(resp)f
frequency response ripple
0.5 MHz to 3.2 MHz
−1.5
-
+1
dB
3.2 MHz to 4.5 MHz
−2
-
+1
dB
4.5 MHz to 5 MHz
−4
-
+1
dB
5 MHz to 5.5 MHz
−12
-
+1
dB
αSC1
first sound carrier
attenuation
f=fSC1 = 6.0 MHz
35
-
-
dB
f=fSC1 ± 60 kHz
26
-
-
dB
αSC(NICAM)
NICAM sound carrier
attenuation
fcar(NICAM) = 6.55 MHz;
f=fcar(NICAM) ± 250 kHz
12
-
-
dB
td(grp)CC
color carrier group delay
time
f = 4.43 MHz;
see Figure 26
[13]
−75
−15
+75
ns
D/K standard; see Figure 27[12]
αripple(resp)f
frequency response ripple
0.5 MHz to 3.1 MHz
−1.5
-
+1
dB
3.1 MHz to 4.5 MHz
−2
-
+1
dB
4.5 MHz to 4.8 MHz
−4
-
+1
dB
4.8 MHz to 5.1 MHz
−6
-
+1
dB
αSC1
first sound carrier
attenuation
f=fSC1 = 6.5 MHz
35
-
-
dB
f=fSC1 ± 60 kHz
26
-
-
dB
αSC2(us)
second sound carrier
attenuation (upper side)
f=fSC2 = 6.742 MHz
25
-
-
dB
f=fSC2 ± 60 kHz
16
-
-
dB
αSC2(ls)
second sound carrier
attenuation (lower side)
f=fSC2 = 6.258 MHz
25
-
-
dB
f=fSC2 ± 60 kHz
16
-
-
dB
αSC(NICAM)
NICAM sound carrier
attenuation
fcar(NICAM) = 5.85 MHz;
f=fcar(NICAM) ± 250 kHz
6-
-
dB
td(grp)CC
color carrier group delay
time
f = 4.28 MHz; including
transmitter pre-correction;
see Figure 28
[13]
−50
0
+100
ns
L standard; see Figure 29[12]
αripple(resp)f
frequency response ripple
0.5 MHz to 3.2 MHz
−1.5
-
+1
dB
3.2 MHz to 4.5 MHz
−2
-
+1
dB
4.5 MHz to 4.8 MHz
−4
-
+1
dB
4.8 MHz to 5.3 MHz
−12
-
+1
dB
αSC(NICAM)
NICAM sound carrier
attenuation
fcar(NICAM) = 5.85 MHz;
f=fcar(NICAM) ± 250 kHz
5-
-
dB
αSC(AM)
AM sound carrier
attenuation
f=fSC(AM) = 6.5 MHz
38
-
-
dB
f=fSC(AM) ± 30 kHz
29
-
-
dB
td(grp)CC
color carrier group delay
time
f = 4.28 MHz; including
transmitter pre-correction;
see Figure 30
−75
−5
+75
ns
Table 53.
Characteristics …continued
VP =5V; Tamb =25 °C; see Table 24 for input frequencies; B/G standard is used for the specification (fPC = 38.375 MHz;
fSC = 32.875 MHz; PC / SC = 13 dB; fAF = 400 Hz); input level Vi(IF) = 10 mV (RMS) (sync level for B/G; peak white level
for L); IF input from 50
Ω via broadband transformer 1 : 1; video modulation: Vestigial SideBand (VSB); residual carrier for
B/G is 10 % and for L is 3 %; video signal in accordance with “ITU-T J.63 line 17 and line 330” or “NTC-7 Composite”;
internal Nyquist slope switched on (W7[0] = 0); measurements taken in test circuit of Figure 51; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com