Electronic Components Datasheet Search
  English  ▼

X  

TDA9897HL/V3 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # TDA9897HL/V3
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9897HL/V3 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button TDA9897HL/V3 Datasheet HTML 41Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 42Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 43Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 44Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 45Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 46Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 47Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 48Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 103 page
background image
TDA9897_TDA9898_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 May 2009
45 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
Video output 1.7 V; pin CVBS; see Figure 50, optional CVBS buffer at setting W6[1] = 1
Normal mode (sound carrier trap active) and sound carrier on
Vo(video)(p-p)
peak-to-peak video output
voltage
positive or negative
modulation; W6[1] = 1;
see Figure 10
W4[7] = 0; W7[4] = 0
1.44
1.7
1.96
V
W4[7] = 1; W7[4] = 0
1.44
1.7
1.96
V
W4[7] = 0; W7[4] = 1
1.44
1.7
1.96
V
Vsyncl
sync level voltage
W4[7] = 0; W7[4] = 0
1.0
1.2
1.4
V
W4[7] = 1; W7[4] = 0
0.9
1.2
1.5
V
W4[7] = 0; W7[4] = 1
0.9
1.2
1.5
V
Video output 1.1 V; pin CVBS
Trap bypass mode and sound carrier off[12]
Vo(video)(p-p)
peak-to-peak video output
voltage
see Figure 10
-
1.1
-
V
Vsyncl
sync level voltage
-
1.5
-
V
Vclip(video)u
upper video clipping
voltage
VP − 1.2 VP − 1-
V
Vclip(video)l
lower video clipping voltage
-
0.4
0.9
V
Bvideo(−3dB)
−3 dB video bandwidth
AC load: CL <20pF,
RL >1kΩ
6
8
-
MHz
(S/N)w
weighted signal-to-noise
ratio
B/G standard; 50 % grey
video signal; unified
weighting filter
(
“ITU-T J.61”);
see Figure 20
[9] 54
-
-
dB
(S/N)unw
unweighted signal-to-noise
ratio
M/N standard; 50 IRE grey
video signal;
see Figure 20
[9] 47
51
-
dB
VIF AGC
Pin MPP
Vmonitor(VIFAGC)
VIF AGC monitor voltage
[3] 0.5
-
4.5
V
VAGC
AGC voltage
see Figure 12; Vi(IF) set to
1 mV (60 dB
µV)
2.0
-
2.5
V
10 mV (80 dB
µV)
2.4
-
3.0
V
200 mV (106 dB
µV)
3.0
-
VP
V
Table 53.
Characteristics …continued
VP =5V; Tamb =25 °C; see Table 24 for input frequencies; B/G standard is used for the specification (fPC = 38.375 MHz;
fSC = 32.875 MHz; PC / SC = 13 dB; fAF = 400 Hz); input level Vi(IF) = 10 mV (RMS) (sync level for B/G; peak white level
for L); IF input from 50
Ω via broadband transformer 1 : 1; video modulation: Vestigial SideBand (VSB); residual carrier for
B/G is 10 % and for L is 3 %; video signal in accordance with “ITU-T J.63 line 17 and line 330” or “NTC-7 Composite”;
internal Nyquist slope switched on (W7[0] = 0); measurements taken in test circuit of Figure 51; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com