Electronic Components Datasheet Search
  English  ▼

X  

TDA9897HL/V3 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # TDA9897HL/V3
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9897HL/V3 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button TDA9897HL/V3 Datasheet HTML 63Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 64Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 65Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 66Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 67Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 68Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 69Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 70Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 103 page
background image
TDA9897_TDA9898_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 May 2009
67 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
(1) AM.
(2) FM.
Fig 15. Typical FM AGC characteristic measured at
pin MPP
Fig 16. Typical SIF AGC characteristic measured at
pin MPP
001aaj593
Vi(EXTFMI) (dBµV)
40
120
100
60
80
2
3
1
4
5
VAGC(FM)
(V)
0
001aaj594
Vi(SIF) (dBµV)
20
120
100
60
80
40
2
3
1
4
5
VAGC(SIF)
(V)
0
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com