Electronic Components Datasheet Search
  English  ▼

X  

TDA9897HL/V3 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # TDA9897HL/V3
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9897HL/V3 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button TDA9897HL/V3 Datasheet HTML 48Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 49Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 50Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 51Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 52Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 53Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 54Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 55Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 103 page
background image
TDA9897_TDA9898_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 May 2009
52 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
PSRR
power supply ripple
rejection
residual spurious at
nominal differential output
voltage dependent on
power supply ripple at
70 Hz; see Figure 11
-50
-
dB
Single reference QSS intercarrier mixer; pins OUT1A and OUT1B
VOUT1A
voltage on pin OUT1A (DC)
1.8
2.0
2.2
V
VOUT1B
voltage on pin OUT1B (DC)
1.8
2.0
2.2
V
Ibias(int)
internal bias current (DC)
for emitter-follower
2.0
2.5
-
mA
Isink(o)(max)
maximum output sink
current
DC and AC
1.4
1.7
-
mA
Isource(o)(max)
maximum output source
current
DC and AC; with external
resistor to GND
3.0
-
-
mA
RO
output resistance
output active;
single-ended to GND
--
25
Ω
output inactive; internal
resistance to GND
-
800
-
Ω
Vo(RMS)
RMS output voltage
IF intercarrier
single-ended to GND;
B/G standard;
SC1 on; SC2 off;
see Figure 9 and Table 21
internal BP via FM AGC
90
140
180
mV
internal BP
90
170
230
mV
IF intercarrier
single-ended to GND;
L standard;
without modulation;
see Figure 9 and Table 21
W7[5] = 0;
internal BP + 6 dB
90
140
180
mV
W7[5] = 1;
internal BP + 6 dB
45
70
90
mV
W7[5] = 0; internal BP
45
70
90
mV
W7[5] = 1; internal BP
20
35
45
mV
f−3dB(ic)u
upper intercarrier cut-off
frequency
internal sound band-pass
off
11
15
-
MHz
αimage
image rejection
band-pass off;
−8 MHz to 0 MHz
24
28
-
dB
Vinterf(RMS)
RMS interference voltage
fundamental wave and
harmonics
-2
5
mV
Table 53.
Characteristics …continued
VP =5V; Tamb =25 °C; see Table 24 for input frequencies; B/G standard is used for the specification (fPC = 38.375 MHz;
fSC = 32.875 MHz; PC / SC = 13 dB; fAF = 400 Hz); input level Vi(IF) = 10 mV (RMS) (sync level for B/G; peak white level
for L); IF input from 50
Ω via broadband transformer 1 : 1; video modulation: Vestigial SideBand (VSB); residual carrier for
B/G is 10 % and for L is 3 %; video signal in accordance with “ITU-T J.63 line 17 and line 330” or “NTC-7 Composite”;
internal Nyquist slope switched on (W7[0] = 0); measurements taken in test circuit of Figure 51; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com