Electronic Components Datasheet Search
  English  ▼

X  

TDA9897HL/V3 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # TDA9897HL/V3
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9897HL/V3 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button TDA9897HL/V3 Datasheet HTML 55Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 56Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 57Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 58Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 59Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 60Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 61Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 62Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 103 page
background image
TDA9897_TDA9898_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 May 2009
59 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
Single reference QSS AF performance with external FM demodulator connected to OUT1A and OUT1B[27]
(S/N)w(SC1)
first sound carrier weighted
signal-to-noise ratio
PC / SC1 > 40 dB at
pins IF1A and IF1B or
IF2A and IF2B; 27 kHz
FM deviation; BP off;
“ITU-R BS.468-4”
black picture
53
58
-
dB
white picture
50
53
-
dB
6 kHz sine wave
(black-to-white
modulation)
44
48
-
dB
250 kHz square wave
(black-to-white
modulation)
40
45
-
dB
sound carrier
subharmonics;
f = 2.75 MHz
± 3 kHz
45
51
-
dB
sound carrier
subharmonics;
f = 2.87 MHz
± 3 kHz
46
52
-
dB
(S/N)w(SC2)
second sound carrier
weighted signal-to-noise
ratio
with external reference
FM demodulator;
PC / SC2 > 40 dB at
pins IF1A and IF1B or
IF2A and IF2B; 27 kHz
(54 % FM deviation);
BP off;
“ITU-R BS.468-4”
black picture
48
55
-
dB
white picture
46
51
-
dB
6 kHz sine wave
(black-to-white
modulation)
42
46
-
dB
250 kHz square wave
(black-to-white
modulation)
29
34
-
dB
sound carrier
subharmonics;
f = 2.75 MHz
± 3 kHz
44
50
-
dB
sound carrier
subharmonics;
f = 2.87 MHz
± 3 kHz
45
51
-
dB
AM operation
L standard; pin AUD
Vo(AF)(RMS)
RMS AF output voltage
54 % modulation
400
500
600
mV
Table 53.
Characteristics …continued
VP =5V; Tamb =25 °C; see Table 24 for input frequencies; B/G standard is used for the specification (fPC = 38.375 MHz;
fSC = 32.875 MHz; PC / SC = 13 dB; fAF = 400 Hz); input level Vi(IF) = 10 mV (RMS) (sync level for B/G; peak white level
for L); IF input from 50
Ω via broadband transformer 1 : 1; video modulation: Vestigial SideBand (VSB); residual carrier for
B/G is 10 % and for L is 3 %; video signal in accordance with “ITU-T J.63 line 17 and line 330” or “NTC-7 Composite”;
internal Nyquist slope switched on (W7[0] = 0); measurements taken in test circuit of Figure 51; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com