Electronic Components Datasheet Search
  English  ▼

X  

TDA9897HL/V3 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # TDA9897HL/V3
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9897HL/V3 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button TDA9897HL/V3 Datasheet HTML 51Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 52Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 53Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 54Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 55Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 56Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 57Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 58Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 103 page
background image
TDA9897_TDA9898_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 May 2009
55 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
KO(FM)
FM VCO steepness
∆f
FMPLL / ∆VLFFM
f < 10 MHz
-
3.3
-
MHz/V
f = 10.7 MHz
-
5.9
-
MHz/V
Ioffset(FM)
FM offset current
W6[3] = 0; W3[4] = 0
−1.5
0
+1.5
µA
W6[3] = 0; W3[4] = 1
−2.5
0
+2.5
µA
FM intercarrier input; pins EXTFMI and EXTFILI; see Figure 9
|Zi|
input impedance
AC-coupled via 4 pF
-
20
-
k
Ω
Vi(FM)(RMS)
RMS FM input voltage
gain controlled operation;
W1[1:0] = 10 or
W1[1:0] = 11 or
W1[1:0] = 01
2
-
300
mV
Vlock(min)(RMS)
RMS minimum lock-in
voltage
W1[1:0] = 10 or
W1[1:0] = 11 or
W1[1:0] = 01
-
-
1.5
mV
Vdet(FM)min(RMS)
RMS minimum FM carrier
detection voltage
W1[1:0] = 10 or
W1[1:0] = 11 or
W1[1:0] = 01
-
-
1.8
mV
FM demodulator part; audio output; pin AUD
Vo(AF)(RMS)
RMS AF output voltage
QSS mode;
25 kHz FM deviation;
75
µs de-emphasis
400
500
600
mV
QSS mode;
27 kHz FM deviation;
50
µs de-emphasis
430
540
650
mV
QSS mode;
55 kHz FM deviation;
50
µs de-emphasis
900
-
1300
mV
radio mode;
22.5 kHz FM deviation;
75
µs de-emphasis
360
450
540
mV
∆V
o(AF)/∆T
AF output voltage variation
with temperature
-
1.1
× 10−3 7 × 10−3 dB/K
THD
total harmonic distortion
50
µs de-emphasis;
FM deviation: for
TV mode 27 kHz and for
radio mode 22.5 kHz
-
0.15
0.50
%
Table 53.
Characteristics …continued
VP =5V; Tamb =25 °C; see Table 24 for input frequencies; B/G standard is used for the specification (fPC = 38.375 MHz;
fSC = 32.875 MHz; PC / SC = 13 dB; fAF = 400 Hz); input level Vi(IF) = 10 mV (RMS) (sync level for B/G; peak white level
for L); IF input from 50
Ω via broadband transformer 1 : 1; video modulation: Vestigial SideBand (VSB); residual carrier for
B/G is 10 % and for L is 3 %; video signal in accordance with “ITU-T J.63 line 17 and line 330” or “NTC-7 Composite”;
internal Nyquist slope switched on (W7[0] = 0); measurements taken in test circuit of Figure 51; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com