Electronic Components Datasheet Search
  English  ▼

X  

TDA9897HL/V3 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # TDA9897HL/V3
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9897HL/V3 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button TDA9897HL/V3 Datasheet HTML 78Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 79Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 80Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 81Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 82Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 83Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 84Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 85Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 103 page
background image
TDA9897_TDA9898_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 May 2009
82 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
Isource(o)PD(max)
maximum phase
detector output
source current
--65
µA
Conversion synthesizer PLL; pin LFSYN2
VLFSYN2
voltage on pin
LFSYN2
1-
3V
KO
VCO steepness
∆f
VCO / ∆VLFSYN2
-
31
-
MHz/V
KD
phase detector
steepness
∆I
LFSYN2 / ∆ϕVCO;
see Table 57;
fVCO selection:
22 MHz to 29.5 MHz
-
32
-
µA/rad
30 MHz to 37.5 MHz
-
38
-
µA/rad
38 MHz to 45.5 MHz
-
47
-
µA/rad
46 MHz to 53.5 MHz
-
61
-
µA/rad
57 MHz
-
61
-
µA/rad
Io(PD)
phase detector output
current
sink or source;
fVCO selection:
22 MHz to 29.5 MHz
-
200
-
µA
30 MHz to 37.5 MHz
-
238
-
µA
38 MHz to 45.5 MHz
-
294
-
µA
46 MHz to 53.5 MHz
-
384
-
µA
57 MHz
-
384
-
µA
ϕn(synth)
synthesizer phase
noise
fsynth = 31 MHz;
fIF =36MHz
at 1 kHz
[2] 89
99
-
dBc/Hz
at 10 kHz
[2] 89
99
-
dBc/Hz
at 100 kHz
[2] 98
102
-
dBc/Hz
at 1.4 MHz
[2] 115
119
-
dBc/Hz
fsynth = 40 MHz;
fIF = 44 MHz; external
4 MHz reference signal of
265 mV (RMS) and phase
noise better than
120 dBc/Hz; see Figure 46
at 1 kHz
[2] 89
96
-
dBc/Hz
at 10 kHz
[2] 89
100
-
dBc/Hz
at 100 kHz
[2] 96
100
-
dBc/Hz
at 1.4 MHz
[2] 115
118
-
dBc/Hz
αsp
spurious suppression
multiple of
∆f = 500 kHz
[2] 50
-
-
dBc
IL
leakage current
synthesizer spurious
performance > 50 dBc
[2] --10
nA
Table 56.
Characteristics …continued
VP =5V[1]; Tamb =25 °C; 8 MHz system; see Table 33 and Table 34; CW test input signal is used for specification;
Vi(IF) = 10 mV (RMS); fIF = 36 MHz for low IF output of 5 MHz; IF input from 50 Ω via broadband transformer 1 : 1;
gain controlled amplifier adjusted to typical specified output level; measurements taken in test circuit of Figure 51 with 4 MHz
crystal oscillator reference; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com