Electronic Components Datasheet Search
  English  ▼

X  

TDA9897HL/V3 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # TDA9897HL/V3
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9897HL/V3 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button TDA9897HL/V3 Datasheet HTML 75Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 76Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 77Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 78Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 79Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 80Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 81Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 82Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 103 page
background image
TDA9897_TDA9898_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 May 2009
79 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
fIF(−1dB)l
lower
−1 dB IF cut-off
frequency
[2] -7
-MHz
f−3dB(IF)u
upper IF cut-off
frequency
W4[7] = 0
[4] 60
-
-
MHz
W4[7] = 1
[7] 60
-
-
MHz
PSRR
power supply ripple
rejection
residual spurious at nominal
differential output voltage
dependent on power supply
ripple
[2]
fripple =70Hz
-
60
-
dB
fripple = 20 kHz
-
60
-
dB
Low IF output signal; pins OUT1A and OUT1B; differential
GIF(max)
maximum IF gain
output peak-to-peak level to
input RMS level ratio
[2] -89
-
dB
fsynth
synthesizer frequency see Table 34 and Table 35
---MHz
Vo(dif)(p-p)
peak-to-peak
differential output
voltage
W4[7] = 0
[4] -2
-V
W4[7] = 1
[4] -1
-V
PSRR
power supply ripple
rejection
residual spurious at nominal
differential output voltage
dependent on power supply
ripple
[2]
fripple =70Hz
-
50
-
dB
fripple = 20 kHz
-
30
-
dB
αripple(pb)LIF
low IF pass-band
ripple
6 MHz bandwidth
-
-
2.7
dB
7 MHz bandwidth
-
-
2.7
dB
8 MHz bandwidth
-
-
2.7
dB
B−3dB
−3 dB bandwidth
BP off
[4] 11
15
-
MHz
6 MHz bandwidth
[4] -
7.8
-
MHz
7 MHz bandwidth
[4] -
8.8
-
MHz
8 MHz bandwidth
[4] -
9.8
-
MHz
αstpb
stop-band attenuation 6 MHz band; f = 11.75 MHz
30
40
-
dB
6 MHz band; f = 20 MHz
28
35
-
dB
7 MHz band; f = 13.75 MHz
30
40
-
dB
7 MHz band; f = 20 MHz
28
35
-
dB
8 MHz band; f = 15.75 MHz
30
40
-
dB
8 MHz band; f = 20 MHz
28
35
-
dB
Table 56.
Characteristics …continued
VP =5V[1]; Tamb =25 °C; 8 MHz system; see Table 33 and Table 34; CW test input signal is used for specification;
Vi(IF) = 10 mV (RMS); fIF = 36 MHz for low IF output of 5 MHz; IF input from 50 Ω via broadband transformer 1 : 1;
gain controlled amplifier adjusted to typical specified output level; measurements taken in test circuit of Figure 51 with 4 MHz
crystal oscillator reference; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com