Electronic Components Datasheet Search
  English  ▼

X  

TDA9897HL/V3 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # TDA9897HL/V3
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9897HL/V3 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button TDA9897HL/V3 Datasheet HTML 59Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 60Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 61Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 62Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 63Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 64Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 65Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 66Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 103 page
background image
TDA9897_TDA9898_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 May 2009
63 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
[5]
BLF(−3dB) = 100 kHz (damping factor d = 1.7; calculated with sync level within gain control range). Calculation of the VIF PLL filter by
using the following formulae:
, valid for d
≥ 1.2
with the following parameters:
KO = VCO steepness (Hz/V),
KD = phase detector steepness (A/rad),
R = loop filter serial resistor (
Ω),
C = loop filter serial capacitor (F),
BLF(−3dB) = −3 dB LF bandwidth (Hz),
d = damping factor.
[6]
The VCO frequency offset related to the PC frequency is set to 1 MHz with white picture video modulation.
[7]
AC load; CL < 20 pF and RL >1kΩ. The sound carrier frequencies (depending on TV standard) are attenuated by the integrated sound
carrier traps.
[8]
Condition: luminance range (5 steps) from 0 % to 100 %. Measurement value is based on 4 of 5 steps.
[9]
Measurement using 200 kHz high-pass filter, 5 MHz low-pass filter and subcarrier notch filter (
“ITU-T J.64”).
[10] Modulation VSB; sound carrier off; fvideo > 0.5 MHz.
[11] Sound carrier on; fvideo = 10 kHz to 10 MHz.
[12] The sound carrier trap can be bypassed by setting the I2C-bus bit W2[0] to logic 0; see Table 23. In this way the full composite video
spectrum appears at pin CVBS. The video amplitude is reduced to 1.1 V (p-p).
[13] Measurement condition: with transformer, transmitter pre-correction on; reference is at 1 MHz.
[14] The response time is valid for a VIF input level range from 200
µVto70mV.
[15] AGC response time increased if no AGC event occurs during two lines at minimum.
[16] AGC response time increased if video level falls below half of selected level.
[17] Load applied to output pin causes signal loss. The resulting gain can be calculated by using
.
[18] See Figure 19 to smooth current pulses.
[19] To match the AFC output signal to different tuning systems a current output is provided. The test circuit is given in Figure 19. The
AFC steepness can be changed by different applications of resistors R1 and R2.
[20] The AFC value of the VIF and RIF frequency is generated by using digital counting methods. The used counter resolution is provided
with an uncertainty of
±1 bit corresponding to ±25 kHz. This uncertainty of ±25 kHz has to be added to the frequency accuracy
parameter.
[21] Measured with an FM deviation of 25 kHz and the typical AF output voltage of 500 mV (RMS). The audio signal processing stage
provides headroom of 6 dB with THD < 1.5 %. The I2C-bus bits W3[0] and W3[1] control the AF output signal amplitude from
0dBto
−18 dB in steps of −6 dB. Reducing the audio gain for handling a frequency deviation of more than 55 kHz avoids AF output
signal clipping.
[22] Amplitude response depends on dimensioning of FM PLL loop filter.
[23] The lower AF cut-off frequency depends on the value of the capacitor at pin CAF. A value of CAF1 = 470 nF leads to f−3dB(AF)l ≈ 20 Hz
and CAF1 = 220 nF leads to f−3dB(AF)l ≈ 40 Hz.
[24] For all signal-to-noise measurements the used VIF modulator has to meet the following specifications:
a) Incidental phase modulation for black-to-white jump less than 0.5 degrees.
b) QSS AF performance, measured with the television demodulator AMF2 (audio output, weighted signal-to-noise ratio) better than
60 dB (at deviation 27 kHz) for 6 kHz sine wave black-to-white video modulation.
c) Picture-to-sound carrier ratio PC / SC1 = 13 dB (transmitter).
[25] The PC / SC ratio is calculated as the addition of TV transmitter PC / SC1 ratio and SAW filter PC / SC1 ratio. This PC / SC ratio is
necessary to achieve the weighted signal-to-noise values as noted. A different PC / SC ratio will change these values.
[26] Measurement condition is SC1 / SC2
≥ 7dB.
[27] The differential QSS signal output on pins OUT1A and OUT1B is analyzed by a test demodulator TDA9820. The signal-to-noise ratio of
this device is better than 60 dB. The measurement is related to an FM deviation of
±27 kHz and in accordance with “ITU-R BS.468-4”.
B
LF
3dB
–
()
K
OK D R
=
d
1
2
---R2
πK
OKDC
=
G
v(load)
G
v
20
R
L
R
O
R
L
+
--------------------


log
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com