Electronic Components Datasheet Search
  English  ▼

X  

TDA9897HL/V3 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # TDA9897HL/V3
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9897HL/V3 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button TDA9897HL/V3 Datasheet HTML 61Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 62Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 63Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 64Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 65Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 66Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 67Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 68Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 103 page
background image
TDA9897_TDA9898_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 May 2009
65 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
Fig 11. Ripple rejection condition
(1) VIF AGC.
(2) TAGC; W10 = 00h.
(3) TAGC; W10 = 10h.
(4) TAGC; W10 = 1Fh.
Fig 12. Typical VIF monitor and TAGC characteristic
001aae391
TDA9897
TDA9898
V = VP + Vripple
VP (V)
5.050
5.000
4.950
t (s)
001aaj590
Vi(VIF) (dBµV)
30
130
110
70
90
50
2
3
1
4
5
VTAGC
(V)
0
(3)
(2)
(1)
(4)
2
3
1
4
5
Vmonitor(VIFAGC)
(V)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com