Electronic Components Datasheet Search
  English  ▼

X  

TDA9897HL/V3 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # TDA9897HL/V3
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9897HL/V3 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button TDA9897HL/V3 Datasheet HTML 79Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 80Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 81Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 82Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 83Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 84Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 85Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 86Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 103 page
background image
TDA9897_TDA9898_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 May 2009
83 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
Reference frequency
General
fref
reference frequency
[8] -4
-MHz
Reference frequency generation with crystal; pin OPTXTAL
VOPTXTAL
voltage on pin
OPTXTAL (DC)
pin open-circuit
2.3
2.6
2.9
V
Ri
input resistance
[2] -2
-k
Ω
Rrsn(xtal)
crystal resonance
resistance
-
-
200
Ω
Cpull
pull capacitance
[9] ---pF
Rswoff(OPTXTAL)
switch-off resistance
on pin OPTXTAL
to switch off crystal input by
external resistor wired
between pin OPTXTAL and
GND
0.22
-
4.7
k
Ω
Iswoff
switch-off current
Rswoff(OPTXTAL) = 0.22 kΩ
--5000
µA
Rswoff(OPTXTAL) = 3.3 kΩ
-
500
-
µA
Reference frequency input from external source; pin OPTXTAL
VOPTXTAL
voltage on pin
OPTXTAL (DC)
pin open-circuit
2.3
2.6
2.9
V
Ri
input resistance
[2] -2
-k
Ω
Vref(RMS)
RMS reference
voltage
80
-
400
mV
RO
output resistance
of external reference signal
source
[2] -
2
4.7
k
Ω
Cdec
decoupling
capacitance
to external reference signal
source
[2] 22
100
-
pF
Reference frequency input from external source; pin FREF
VFREF
voltage on pin FREF
(DC)
pin open-circuit
2.2
2.5
2.8
V
Ri
input resistance
[2] 50
--k
Ω
fref
reference frequency
[8] -4
-MHz
Vref(RMS)
RMS reference
voltage
see Figure 46
15
150
500
mV
RO
output resistance
of external reference signal
source; AC-coupled
-
-
4.7
k
Ω
Cdec
decoupling
capacitance
to external reference signal
source
22
100
-
pF
Table 56.
Characteristics …continued
VP =5V[1]; Tamb =25 °C; 8 MHz system; see Table 33 and Table 34; CW test input signal is used for specification;
Vi(IF) = 10 mV (RMS); fIF = 36 MHz for low IF output of 5 MHz; IF input from 50 Ω via broadband transformer 1 : 1;
gain controlled amplifier adjusted to typical specified output level; measurements taken in test circuit of Figure 51 with 4 MHz
crystal oscillator reference; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com