Electronic Components Datasheet Search
  English  ▼

X  

TDA9897HL/V3 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA9897HL/V3
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9897HL/V3 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA9897HL/V3 Datasheet HTML 7Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 8Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 9Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 10Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 11Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 12Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 13Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 14Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 103 page
background image
TDA9897_TDA9898_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 May 2009
11 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
(1) Optional.
(2) Connect resistor if input or crystal is not used.
Fig 4.
Block diagram of TDA9897 (continued from Figure 3)
A
B
C
D
E
F
G
H
001aai735
TDA9897
SIF AGC
TAGC
TAGC
FM AGC
port
I2C-bus
AFC
LFFM
19
4 MHz FREQUENCY
REFERENCE
EXTERNAL SOUND
BAND-PASS FILTER(1)
46
39
SUPPLY
BP on/off
OUTPUT
SWITCH
FM
SWITCH
AM
SWITCH
26
27
21
43, 44
VP
42
port
40, 41
15
+3 dB
GNDA
EXTFILO
BAND-PASS
FILTER
AM
DEMODULATOR
FM
AGC
FM
NB PLL
20
28
31
16
29
OUT2A
OUT2B
OUT1A
OUT1B
EXTFMI
MPP
PORT3
CDEEM
CAF
AUD
33
CVBS
30
17
EXTFILI
4 MHz reference
input
R(2)
R(2)
OPTXTAL
FREF
port
12
35
VIF
AGC
PORT1
PORT2
VIF AGC
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com