Electronic Components Datasheet Search
  English  ▼

X  

TDA9897HL/V3 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # TDA9897HL/V3
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9897HL/V3 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button TDA9897HL/V3 Datasheet HTML 83Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 84Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 85Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 86Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 87Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 88Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 89Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 90Page - NXP Semiconductors TDA9897HL/V3 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 103 page
background image
TDA9897_TDA9898_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 May 2009
87 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
(1) Channel bandwidth = 6 MHz.
(2) Channel bandwidth = 7 MHz.
(3) Channel bandwidth = 8 MHz.
Fig 41. Detailed low IF amplitude and group delay pass-band tolerance scheme
(1) Channel bandwidth = 6 MHz.
(2) Channel bandwidth = 7 MHz.
(3) Channel bandwidth = 8 MHz.
Fig 42. Low IF amplitude stop-band tolerance scheme
001aaj605
−10
−8
−6
−200
−100
0
100
−4
−2
−9
−7
−5
−3
0
2
−1
1
06
8
10
24
12
f (MHz)
(1)
(2)
(3)
αresp(f)
(dB)
tolerance scheme:
td(grp)LIF
(ns)
(3)
(1)
(2)
(3)
(2)
(1)
001aaj607
−70
−30
−25
−20
−15
−10
−5
0
−50
10
0
−10
−30
−60
−20
−40
f (MHz)
tolerance scheme:
(1)
(2)
(3)
αresp(f)
(dB)
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com