Electronic Components Datasheet Search
  English  ▼

X  

XMEGAA Datasheet(PDF) 79 Page - ATMEL Corporation

Part # XMEGAA
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  445 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAA Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button XMEGAA Datasheet HTML 75Page - ATMEL Corporation XMEGAA Datasheet HTML 76Page - ATMEL Corporation XMEGAA Datasheet HTML 77Page - ATMEL Corporation XMEGAA Datasheet HTML 78Page - ATMEL Corporation XMEGAA Datasheet HTML 79Page - ATMEL Corporation XMEGAA Datasheet HTML 80Page - ATMEL Corporation XMEGAA Datasheet HTML 81Page - ATMEL Corporation XMEGAA Datasheet HTML 82Page - ATMEL Corporation XMEGAA Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 445 page
background image
79
8077H–AVR–12/09
XMEGA A
7.4.1.4
2 MHz Run-time Calibrated Internal Oscillator
This RC oscillator provides an approximate 2 MHz clock. The oscillator employs a Digital Fre-
quency Looked Loop (DFLL) that can be enabled for automatic run-time calibration of the
oscillator. A factory-calibrated value is written to the 2 MHz DFLL Calibration Register during
reset to ensure that the oscillator is running within its specification. The calibration register can
also be written from software for manual run-time calibration of the oscillator.
7.4.2
External Clock Sources
The XTAL1 and XTAL2 pins can be used to drive an external oscillator, either a quartz crystal or
a ceramic resonator. XTAL1 can be used as input for an external clock signal. The TOSC1 and
TOSC2 pins is dedicated for driving a 32.768 kHz crystal oscillator.
7.4.2.1
0.4 - 16 MHz Crystal Oscillator
This oscillator can operate in four different modes, optimized for different frequency ranges, all
within 0.4 - 16 MHz. Figure 7-2 shows a typical connection of a crystal oscillator or resonator.
Figure 7-2.
Crystal Oscillator Connection
Two capacitors, C1 and C2, may be added to match the required load capacitance for the con-
nected crystal.
7.4.2.2
External Clock Input
To drive the device from an external clock source, XTAL1 must be driven as shown in Figure 7-
3 on page 79. In this mode, XTAL2 can be used as a general I/O pin.
Figure 7-3.
External Clock Drive Configuration
7.4.2.3
32.768 kHz Crystal Oscillator
A 32.768 kHz crystal oscillator can be connected between TOSC1 and TOSC2 by enabling a
dedicated Low Frequency Oscillator input circuit. A typical connection is shown in Figure Figure
C1
C2
XT AL 2
XT AL 1
GN D
G e ner al
P u r p os e
I/ O
XT A L 2
XT A L 1
Ex t e r n a l
C lo ck
S ign al



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com