Electronic Components Datasheet Search
  English  ▼

X  

XMEGAA Datasheet(PDF) 19 Page - ATMEL Corporation

Part # XMEGAA
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  445 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAA Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button XMEGAA Datasheet HTML 15Page - ATMEL Corporation XMEGAA Datasheet HTML 16Page - ATMEL Corporation XMEGAA Datasheet HTML 17Page - ATMEL Corporation XMEGAA Datasheet HTML 18Page - ATMEL Corporation XMEGAA Datasheet HTML 19Page - ATMEL Corporation XMEGAA Datasheet HTML 20Page - ATMEL Corporation XMEGAA Datasheet HTML 21Page - ATMEL Corporation XMEGAA Datasheet HTML 22Page - ATMEL Corporation XMEGAA Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 445 page
background image
19
8077H–AVR–12/09
XMEGA A
spaces can be locked for further write and read/write operations. This prevents unrestricted
access to the application software.
A separate memory section contains the Fuse bytes. These are used for setting important sys-
tem functions, and write access is only possible from an external programmer.
4.3
Flash Program Memory
The XMEGA contains On-chip In-System Reprogrammable Flash memory for program storage.
The Flash memory can be accessed for read and write both from an external programmer
through the PDI, or from application software running in the CPU.
All AVR instructions are 16 or 32 bits wide, and each Flash location is 16 bits wide. The Flash
memory in XMEGA is organized in two main sections, the Application Section and the Boot
Loader section, as shown in Figure 4-1 on page 19. The sizes of the different sections are fixed,
but device dependent. These two sections have separate lock bits and can have different level
of protection. The Store Program Memory (SPM) instruction used to write to the Flash from the
application software, will only operate when executed from the Boot Loader Section.
The Application Section contains an Application Table Section with separate lock settings. This
can be used for safe storage of Non-volatile data in the Program Memory.
Figure 4-1.
Flash Memory sections
Application Flash
Section
0x000000
End RWW, End Application
Start NRWW, Start Boot Loader
Flashend
Application Table
Flash Section
Boot Loader Flash
Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com