Electronic Components Datasheet Search
  English  ▼

X  

XMEGAA Datasheet(PDF) 88 Page - ATMEL Corporation

Part # XMEGAA
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  445 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAA Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button XMEGAA Datasheet HTML 84Page - ATMEL Corporation XMEGAA Datasheet HTML 85Page - ATMEL Corporation XMEGAA Datasheet HTML 86Page - ATMEL Corporation XMEGAA Datasheet HTML 87Page - ATMEL Corporation XMEGAA Datasheet HTML 88Page - ATMEL Corporation XMEGAA Datasheet HTML 89Page - ATMEL Corporation XMEGAA Datasheet HTML 90Page - ATMEL Corporation XMEGAA Datasheet HTML 91Page - ATMEL Corporation XMEGAA Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 445 page
background image
88
8077H–AVR–12/09
XMEGA A
7.10.2
STATUS - Oscillator Status Register
• Bit 7:5 - Reserved
These bits are reserved and will always be read as zero. For compatibility with future devices,
always write these bits to zero when this register is written.
• Bit 4 - PLLRDY: PLL Ready
The PLLRDY flag is set when the PLL has locked on selected frequency and ready to be used
as he System Clock source.
• Bit 3 - XOSCRDY: External clock source Ready
The XOSCRDY flag is set when the external clock source is stable and ready to be used as the
System Clock source.
• Bit 2 - RC32KRDY: 32.768 kHz Internal RC Oscillator Ready
The RC32KRDY flag is set when the 32.768 kHz internal RC oscillator is stable and ready to be
used as the System Clock source.
• Bit 1 - RC32MRDY: 32 MHz Internal RC Oscillator Ready
The R32MRFY flag is set when the 32 MHz internal RC oscillator is stable and ready to be used
as the System Clock source.
• Bit 0 - RC2MRDY: 2 MHz Internal RC Oscillator Ready
The RC2MRDY flag is set when the 2 MHz internal RC oscillator is stable and is ready to be
used as the System Clock source.
7.10.3
XOSCCTRL - XOSC Control Register
• Bit 7:6 - FRQRANGE[1:0]: Crystal Oscillator Frequency Range Select
These bits select the frequency range for the connected crystal oscillator according to Table 7-5
on page 89.
Bit
765
4
3
2
1
0
+0x01
-
-
-
PLLRDY
XOSCRDY
RC32KRDY
R32MRDY
RC2MRDY
STATUS
Read/Write
R
R
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
32
10
+0x02
FRQRANGE[1:0]
X32KLPM
-
XOSCSEL[3:0]
XOSCCTRL
Read/Write
R/W
R/W
R/W
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com