Electronic Components Datasheet Search
  English  ▼

X  

XMEGAA Datasheet(PDF) 30 Page - ATMEL Corporation

Part # XMEGAA
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  445 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAA Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button XMEGAA Datasheet HTML 26Page - ATMEL Corporation XMEGAA Datasheet HTML 27Page - ATMEL Corporation XMEGAA Datasheet HTML 28Page - ATMEL Corporation XMEGAA Datasheet HTML 29Page - ATMEL Corporation XMEGAA Datasheet HTML 30Page - ATMEL Corporation XMEGAA Datasheet HTML 31Page - ATMEL Corporation XMEGAA Datasheet HTML 32Page - ATMEL Corporation XMEGAA Datasheet HTML 33Page - ATMEL Corporation XMEGAA Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 445 page
background image
30
8077H–AVR–12/09
XMEGA A
4.16
Register Description – Fuses and Lockbits
4.16.1
FUSEBYTE0 - Non-Volatile Memory Fuse Byte 0 - JTAG User ID
• Bit 7 - JTAGUID[7:0]: JTAG USER ID
These fuses can be used to set the default JTAG USER ID for the device. During reset, the
JTAGUID fuse bits will be loaded into the MCU JTAG User ID Register.
4.16.2
FUSEBYTE1 - Non-Volatile Memory Fuse Byte1 - Watchdog Configuration
• Bit 7:4 - WDWPER[3:0]: Watchdog Window Timeout Period
The WDWPER fuse bits are used to set initial value of the closed window for the Watchdog
Timer in Window Mode. During reset these fuse bits are automatically written to the WPER bits
Watchdog Window Mode Control Register, refer to Section 11.7.2 ”WINCTRL – Window Mode
Control Register” on page 120 for details.
• BIT 3:0 - WDPER[3:0]: Watchdog Timeout Period
The WDPER fuse bits are used to set initial value of the Watchdog Timeout Period. During reset
these fuse bits are automatically written to the PER bits in the Watchdog Control Register, refer
to Section 11.7.1 ”CTRL – Watchdog Timer Control Register” on page 119 for details.
4.16.3
FUSEBYTE2 - Non-Volatile Memory Fuse Byte2 - Reset Configuration
• Bit 7 - Reserved
This fuse bit is reserved. For compatibility with future devices, always write this bit to one when
this register is written.
Bit
7
6
5432
10
+0x00
JTAGUID[7:0]
FUSEBYTE0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0000
00
Bit
7
6
5432
10
+0x01
WDWPER[3:0]
WDPER[3:0]
FUSEBYTE1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0000
00
Bit
7
6
5
4
3210
+0x02
–
BOOTRST
–
–
–
–
BODPD[1:0]
FUSEBYTE2
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
1
1
1
1
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com