Electronic Components Datasheet Search
  English  ▼

X  

XMEGAA Datasheet(PDF) 29 Page - ATMEL Corporation

Part # XMEGAA
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  445 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAA Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button XMEGAA Datasheet HTML 25Page - ATMEL Corporation XMEGAA Datasheet HTML 26Page - ATMEL Corporation XMEGAA Datasheet HTML 27Page - ATMEL Corporation XMEGAA Datasheet HTML 28Page - ATMEL Corporation XMEGAA Datasheet HTML 29Page - ATMEL Corporation XMEGAA Datasheet HTML 30Page - ATMEL Corporation XMEGAA Datasheet HTML 31Page - ATMEL Corporation XMEGAA Datasheet HTML 32Page - ATMEL Corporation XMEGAA Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 445 page
background image
29
8077H–AVR–12/09
XMEGA A
• Bit 5:2 - Reserved
These bits are reserved and will always be read as zero. For compatibility with future devices,
always write these bits to zero when this register is written.
• Bit 1 - EELOAD: EEPROM Page Buffer Active Loading
The EELOAD status flag indicates that the temporary EEPROM page buffer has been loaded
with one or more data bytes. Immediately after an EEPROM load command is issued and byte is
written to NVMDR, or a memory mapped EEPROM buffer load operation is performed, the
EELOAD flag is set, and it remains set until an EEPROM page write- or a page buffer flush oper-
ation is executed.
• Bit 0 - FLOAD: Flash Page Buffer Active Loading
The FLOAD flag indicates that the temporary Flash page buffer has been loaded with one or
more data bytes. Immediately after a Flash load command has been issues and byte is written to
NVMDR, the FLOAD flag is set, and it remains set until an Application- or Boot page write- or a
page buffer flush operation is executed.
4.15.12
LOCKBITS - Non-Volatile Memory Lock Bit Register
This register is a direct mapping of the NVM Lockbits into the IO Memory Space, in order to
enable direct read access from the application software. Refer to ”LOCKBITS - Non-Volatile
Memory Lock Bit Register” on page 34 for description of the Lock Bits.
Bit
7
6
543
210
+0x07
BLBB[1:0]
BLBA[1:0]
BLBAT[1:0]
LB[1:0]
LOCKBITS
Read/Write
R
RRR
RRR
R
Initial Value
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com