Electronic Components Datasheet Search
  English  ▼

X  

XMEGAA Datasheet(PDF) 42 Page - ATMEL Corporation

Part # XMEGAA
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  445 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAA Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button XMEGAA Datasheet HTML 38Page - ATMEL Corporation XMEGAA Datasheet HTML 39Page - ATMEL Corporation XMEGAA Datasheet HTML 40Page - ATMEL Corporation XMEGAA Datasheet HTML 41Page - ATMEL Corporation XMEGAA Datasheet HTML 42Page - ATMEL Corporation XMEGAA Datasheet HTML 43Page - ATMEL Corporation XMEGAA Datasheet HTML 44Page - ATMEL Corporation XMEGAA Datasheet HTML 45Page - ATMEL Corporation XMEGAA Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 445 page
background image
42
8077H–AVR–12/09
XMEGA A
• Bit 7:0 - DACAGAINCAL[7:0] - DACB Gain Calibration Byte
This byte contains the gain calibration value for the Digital to Analog Converter B (DACB). Cali-
bration of the Digital to Analog Converters are done during production test of the device. The
calibration byte is not loaded automatically into the DAC Gain Calibration register, and this must
be done from software.
4.17.24
DACBOFFCAL - DACB Offset Calibration Register
• Bit 7:0 - DACBOFFCAL[7:0] - DACB Offset Calibration Byte
This byte contains the offset calibration value for the Digital to Analog Converter B (DACB). Cal-
ibration of the Digital to Analog Converters are done during production test of the device. The
calibration byte is not loaded automatically into the DAC Offset Calibration register, and this
must be done from software.
4.18
Register Description – General Purpose I/O Memory
4.18.1
GPIORn – General Purpose I/O Register n
This is a general purpose register that can be used to store data such as global variables in the
bit accessible I/O memory space.
4.19
Register Description – External Memory
Refer to ”EBI - External Bus Interface” on page 268.
4.20
Register Description – MCU Control
4.20.1
DEVID0 - MCU Device ID Register 0
The DEVID0, DEVID1 and DEVID2 contains the 3-byte identification that identify each micro-
controller device type. For details on the actual ID refer to the device data sheet.
Bit
765
4
3
2
1
0
+0x33
DACBOFFCAL[7:0]
DACAOFFCAL
Read/Write
R
R
R
R
R
R
R
R
Initial Value
0
0
0
0
x
x
x
x
Bit
7
6
543
210
+n
GPIORn[7:0]
GPIORn
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
+0x00
DEVID0[7:0]
DEVID0
Read/Write
RR
RR
RR
RR
Initial Value
1/0
1/0
1/0
1/0
1/0
1/0
1/0
1/0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com