Electronic Components Datasheet Search
  English  ▼

X  

XMEGAA Datasheet(PDF) 5 Page - ATMEL Corporation

Part # XMEGAA
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  445 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAA Datasheet(HTML) 5 Page - ATMEL Corporation

  XMEGAA Datasheet HTML 1Page - ATMEL Corporation XMEGAA Datasheet HTML 2Page - ATMEL Corporation XMEGAA Datasheet HTML 3Page - ATMEL Corporation XMEGAA Datasheet HTML 4Page - ATMEL Corporation XMEGAA Datasheet HTML 5Page - ATMEL Corporation XMEGAA Datasheet HTML 6Page - ATMEL Corporation XMEGAA Datasheet HTML 7Page - ATMEL Corporation XMEGAA Datasheet HTML 8Page - ATMEL Corporation XMEGAA Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 445 page
background image
5
8077H–AVR–12/09
XMEGA A
3.
AVR CPU
3.1
Features
• 8/16-bit high performance AVR RISC CPU
– 138 instructions
– Hardware multiplier
• 32x8-bit registers directly connected to the ALU
• Stack in RAM
• Stack Pointer accessible in I/O memory space
• Direct addressing of up to 16M bytes of program memory and 16M bytes of data memory
• True 16/24-bit access to 16/24-bit I/O registers
• Efficient support for both 8-, 16- and 32-bit Arithmetic
• Configuration Change Protection of system critical features
3.2
Overview
XMEGA uses the 8/16-bit AVR CPU. The main function of the CPU is to ensure correct program
execution. The CPU is able to access memories, perform calculations and control peripherals.
Interrupt handling is described in a separate section, refer to ”Interrupts and Programmable
Multi-level Interrupt Controller” on page 123 for more details on this.
3.3
Architectural Overview
In order to maximize performance and parallelism, the AVR uses a Harvard architecture with
separate memories and buses for program and data. Instructions in the program memory are
executed with a single level pipelining. While one instruction is being executed, the next instruc-
tion is pre-fetched from the Program Memory. This concept enables instructions to be executed
in every clock cycle. For the summary of all AVR instructions refer to ”Instruction Set Summary”
on page 388. For details of all AVR instructions refer to http://www.atmel.com/avr.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com