Electronic Components Datasheet Search
  English  ▼

X  

XMEGAA Datasheet(PDF) 49 Page - ATMEL Corporation

Part # XMEGAA
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  445 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAA Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button XMEGAA Datasheet HTML 45Page - ATMEL Corporation XMEGAA Datasheet HTML 46Page - ATMEL Corporation XMEGAA Datasheet HTML 47Page - ATMEL Corporation XMEGAA Datasheet HTML 48Page - ATMEL Corporation XMEGAA Datasheet HTML 49Page - ATMEL Corporation XMEGAA Datasheet HTML 50Page - ATMEL Corporation XMEGAA Datasheet HTML 51Page - ATMEL Corporation XMEGAA Datasheet HTML 52Page - ATMEL Corporation XMEGAA Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 445 page
background image
49
8077H–AVR–12/09
XMEGA A
5.
DMA - Direct Memory Access Controller
5.1
Features
• The DMA Controller allows high-speed transfers with minimal CPU intervention
– from one memory area to another
– from memory area to peripheral
– from peripheral to memory area
– from peripheral to another peripheral
• Four DMA Channels with separate
– transfer triggers
– interrupt vectors
– addressing modes
• From 1 byte to 16M bytes data transfer in a single transaction
• Up to 64 KByte block transfers with repeat
• 1, 2, 4, or 8 byte burst transfers
• Internal and external transfer triggers
• Multiple addressing modes
– Static
–Increment
– Decrement
• Optional reload of source and destination address at the end of each
–Burst
–Block
– Transaction
• Optional Interrupt on end of transaction
• Programmable channel priority
5.2
Overview
The XMEGA Direct Memory Access (DMA) Controller is a highly flexible DMA Controller capable
of transferring data between memories and peripherals with minimal CPU intervention. The
DMA controller has flexible channel priority selection, several addressing modes, double buffer-
ing capabilities and large block sizes.
The DMA Controller can move data between memories and peripherals, between memories and
between peripheral registers directly.
There are four DMA channels that have individual source, destination, triggers and block sizes.
The different channels also have individual control settings and individual interrupt settings and
interrupt vectors. Interrupt requests may be generated both when a transaction is complete or if
the DMA Controller detects an error on a DMA channel. When a DMA channel requests a data
transfer, the bus arbiter will wait until the AVR CPU is not using the data bus and permit the DMA
Controller to transfer data. Transfers are done in bursts of 1, 2, 4 or 8 bytes. Addressing can be
static, incremental or decremental. Automatic reload of source and/or destination address can
be done after each burst transfer, block transfer, when transmission is complete, or disabled.
Both application software, peripherals and Events can trigger DMA transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com