Electronic Components Datasheet Search
  English  ▼

X  

XMEGAA Datasheet(PDF) 84 Page - ATMEL Corporation

Part # XMEGAA
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  445 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAA Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button XMEGAA Datasheet HTML 80Page - ATMEL Corporation XMEGAA Datasheet HTML 81Page - ATMEL Corporation XMEGAA Datasheet HTML 82Page - ATMEL Corporation XMEGAA Datasheet HTML 83Page - ATMEL Corporation XMEGAA Datasheet HTML 84Page - ATMEL Corporation XMEGAA Datasheet HTML 85Page - ATMEL Corporation XMEGAA Datasheet HTML 86Page - ATMEL Corporation XMEGAA Datasheet HTML 87Page - ATMEL Corporation XMEGAA Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 445 page
background image
84
8077H–AVR–12/09
XMEGA A
7.9
Register Description - Clock
7.9.1
CTRL - System Clock Control Register
• Bit 7:3 - Reserved
These bits are unused and reserved for future use. For compatibility with future devices, always
write these bits to zero when this register is written.
• Bit 2:0 - SCLKSEL[2:0]: System Clock Selection
SCLKSEL is used to select the source for the System Clock. See Table 7-1 for the different
selections. Changing the system clock source will take 2 clock cycles on the old clock source
and 2 clock cycles on the new clock source. These bits are protected by the Configuration
Change Protection mechanism, for details refer to Section 3.12 ”Configuration Change Protec-
tion” on page 12.
SCLKSEL cannot be changed if the new source is not stable.
7.9.2
PSCTRL - System Clock Prescaler Register
• Bit 7 - Reserved
This bit is reserved and will always be read as zero. For compatibility with future devices, always
write this bit to zero when this register is written.
Bit
76543210
+0x00
-----
SCLKSEL[2:0]
CTRL
Read/Write
RRRRR
R/W
R/W
R/W
Initial Value
00000000
Table 7-1.
System Clock Selection
SCLKSEL[2:0]
Group Configuration
Description
000
RC2MHz
2 MHz Internal RC Oscillator
001
RC32MHz
32 MHz Internal RC Oscillator
010
RC32KHz
32 kHz Internal RC Oscillator
011
XOSC
External Oscillator or Clock
100
PLL
Phase Locked Loop
101
-
Reserved
110
-
Reserved
111
-
Reserved
Bit
765
432
10
+0x01
-
PSADIV[4:0]
PSBCDIV
PSCTRL
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com