Electronic Components Datasheet Search
  English  ▼

X  

XMEGAA Datasheet(PDF) 22 Page - ATMEL Corporation

Part # XMEGAA
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  445 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAA Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button XMEGAA Datasheet HTML 18Page - ATMEL Corporation XMEGAA Datasheet HTML 19Page - ATMEL Corporation XMEGAA Datasheet HTML 20Page - ATMEL Corporation XMEGAA Datasheet HTML 21Page - ATMEL Corporation XMEGAA Datasheet HTML 22Page - ATMEL Corporation XMEGAA Datasheet HTML 23Page - ATMEL Corporation XMEGAA Datasheet HTML 24Page - ATMEL Corporation XMEGAA Datasheet HTML 25Page - ATMEL Corporation XMEGAA Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 445 page
background image
22
8077H–AVR–12/09
XMEGA A
4.5
Data Memory
The Data memory contains the I/O Memory, internal SRAM, optionally memory mapped
EEPROM and external memory if available. The data memory is organized as one continuous
memory section, as shown in Figure 4-2 on page 22.
Figure 4-2.
Data Memory Map
I/O Memory, EEPROM and SRAM will always have the same start addresses for all XMEGA
devices. External Memory (if exist) will always start at the end of Internal SRAM and end at
address 0xFFFFFF.
4.6
Internal SRAM
The internal SRAM is mapped in the Data Memory space, always starting at hexadecimal
address location 0x2000. SRAM is accessed from the CPU by using the load (LD/LDS/LDD) and
store (ST/STS/STD) instructions.
Start/End
Address
I/O Memory
(Up to 4 KB)
EEPROM
(Up to 4 KB)
Internal SRAM
External Memory
(0 to 16 MB)
0x000000
0x001000
0xFFFFFF
0x002000
Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com