Electronic Components Datasheet Search
  English  ▼

X  

XMEGAA Datasheet(PDF) 39 Page - ATMEL Corporation

Part # XMEGAA
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  445 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAA Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button XMEGAA Datasheet HTML 35Page - ATMEL Corporation XMEGAA Datasheet HTML 36Page - ATMEL Corporation XMEGAA Datasheet HTML 37Page - ATMEL Corporation XMEGAA Datasheet HTML 38Page - ATMEL Corporation XMEGAA Datasheet HTML 39Page - ATMEL Corporation XMEGAA Datasheet HTML 40Page - ATMEL Corporation XMEGAA Datasheet HTML 41Page - ATMEL Corporation XMEGAA Datasheet HTML 42Page - ATMEL Corporation XMEGAA Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 445 page
background image
39
8077H–AVR–12/09
XMEGA A
4.17.12
COORDX1 - Wafer Coordinate X Register 1
• Bit 7:0 - COORDX0[7:0] - Wafer Coordinate X Byte 1
This byte contains byte 1 of wafer coordinate X for the device.
4.17.13
COORDY0 - Wafer Coordinate Y Register 0
• Bit 7:0 - COORDY0[7:0] - Wafer Coordinate Y Byte 0
This byte contains byte 0 of wafer coordinate Y for the device.
4.17.14
COORDY1 - Wafer Coordinate Y Register 1
• Bit 7:0 - COORDY1[7:0] - Wafer Coordinate Y Byte 1
This byte contains byte 1 of wafer coordinate Y for the device
4.17.15
ADCACAL0 - ADCA Calibration Register 0
ADCACAL0 and ADCACAL1 contains the calibration value for the Analog to Digital Converter A
(ADCA). Calibration of the Analog to Digital Converters are done during production test of the
device. The calibration bytes are not loaded automatically into the ADC calibration registers, and
this must be done from software..
• Bit 7:0 - ADCACAL0[7:0] - ADCA Calibration Byte 0
This byte contains byte 0 of the ADCA calibration data, and must be loaded into the ADCA CALL
register.
Bit
7
654
3
2
1
0
+0x13
COORDX1[7:0]
COORDX1
Read/Write
R
R
R
R
R
R
R
R
Initial Value
x
x
x
x
x
x
x
x
Bit
7
654
3
2
1
0
+0x14
COORDY0[7:0]
COORDY0
Read/Write
R
R
R
R
R
R
R
R
Initial Value
x
x
x
x
x
x
x
x
Bit
7
654
3
2
1
0
+0x15
COORDY1[7:0]
COORDY1
Read/Write
R
R
R
R
R
R
R
R
Initial Value
x
x
x
x
x
x
x
x
Bit
7
654
3
2
1
0
+0x20
ADCACAL0[7:0]
ADCACAL0
Read/Write
R
R
R
R
R
R
R
R
Initial Value
x
x
x
x
x
x
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com