Electronic Components Datasheet Search
  English  ▼

X  

AD9146 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9146
Description  Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9146 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9146 Datasheet HTML 31Page - Analog Devices AD9146 Datasheet HTML 32Page - Analog Devices AD9146 Datasheet HTML 33Page - Analog Devices AD9146 Datasheet HTML 34Page - Analog Devices AD9146 Datasheet HTML 35Page - Analog Devices AD9146 Datasheet HTML 36Page - Analog Devices AD9146 Datasheet HTML 37Page - Analog Devices AD9146 Datasheet HTML 38Page - Analog Devices AD9146 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
AD9146
Rev. 0 | Page 35 of 52
–3.0
–3.2
–3.4
–3.6
–3.8
–4.0
00
0.3
0.4
0.2
0.1
fOUT/fDAC
INVERSE SINC FILTER
.5
The inverse sinc (sinc−1) filter is a nine-tap FIR filter. The composite
response of the sinc−1 filter and the sin(x)/x response of the DAC
is shown in Figure 46. The composite response has a pass-band
ripple of less than ±0.05 dB up to a frequency of 0.4 × fDACCLK. To
provide the necessary peaking at the upper end of the pass band,
the inverse sinc filters shown have an intrinsic insertion loss of
about 3.2 dB. Figure 46 shows the composite frequency response.
The sinc−1 filter is disabled by default. It can be enabled by setting
the bypass sinc−1 bit to 0 (Register 0x1B, Bit 6).
Figure 46. Sample Composite Responses of the Sinc−1 Filter
with sin(x)/x Roll-Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com