Electronic Components Datasheet Search
  English  ▼

X  

AD9146 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9146
Description  Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9146 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9146 Datasheet HTML 18Page - Analog Devices AD9146 Datasheet HTML 19Page - Analog Devices AD9146 Datasheet HTML 20Page - Analog Devices AD9146 Datasheet HTML 21Page - Analog Devices AD9146 Datasheet HTML 22Page - Analog Devices AD9146 Datasheet HTML 23Page - Analog Devices AD9146 Datasheet HTML 24Page - Analog Devices AD9146 Datasheet HTML 25Page - Analog Devices AD9146 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
AD9146
Rev. 0 | Page 22 of 52
Register
Name
Address
(Hex)
Bits
Name
Description
Default
Sync Control
0x10
7
Sync enable
1 = enable the synchronization logic.
0
6
Data/FIFO rate toggle
0 = operate the synchronization at the FIFO reset rate.
1
1 = operate the synchronization at the data rate.
3
Rising edge sync
0 = sync is initiated on the falling edge of the sync input.
1
1 = sync is initiated on the rising edge of the sync input.
[2:0]
Sync Averaging[2:0]
Sets the number of input samples that are averaged in
determining the sync phase.
000
000 = 1.
001 = 2.
010 = 4.
011 = 8.
100 = 16.
101 = 32.
110 = 64.
111 = 128.
0x11
[5:0]
Sync Phase Request[5:0]
This register sets the requested clock phase offset after sync.
The offset unit is in DACCLK cycles. This register enables
repositioning of the DAC output with respect to the sync
input. The offset can also be used to skew the DAC outputs
between the synchronized DACs.
000000
000000 = 0 DACCLK cycles.
000001 = 1 DACCLK cycle.
…
111111 = 63 DACCLK cycles.
Sync Status
0x12
7
Sync lost
1 = synchronization was attained but has been lost.
N/A
6
Sync locked
1 = synchronization has been attained.
N/A
0x13
[7:0]
Sync Phase Readback[7:0]
Indicates the averaged sync phase offset (6.2 format). If
this value differs from the Sync Phase Request[5:0] value
in Register 0x11, a sync timing error has occurred. For more
information, see the Sync Status Bits section.
N/A
00000000 = 0.0.
00000001 = 0.25.
…
11111110 = 63.50.
11111111 = 63.75.
Data
Receiver
Status
0x15
5
LVDS FRAME level high
One or both LVDS FRAME input signals have exceeded 1.7 V.
N/A
4
LVDS FRAME level low
One or both LVDS FRAME input signals have crossed
below 0.7 V.
N/A
3
LVDS DCI level high
One or both LVDS DCI input signals have exceeded 1.7 V.
N/A
2
LVDS DCI level low
One or both LVDS DCI input signals have crossed below 0.7 V.
N/A
1
LVDS data level high
One or more LVDS Dx input signals have exceeded 1.7 V.
N/A
0
LVDS data level low
One or more LVDS Dx input signals have crossed below 0.7 V.
N/A
DCI Delay
0x16
2
Delay bypass
0 = enable the on-chip DCI delay feature. Set the delay
using Bits[1:0].
0
1 = bypass the on-chip DCI delay feature.
[1:0]
DCI Delay[1:0]
These bits control the delay applied to the DCI signal. The DCI
delay affects the sampling interval of the DCI with respect
to the Dx inputs. See Table 14.
00 = 105 ps delay of DCI signal.
01 = 375 ps delay of DCI signal.
10 = 615 ps delay of DCI signal.
11 = 720 ps delay of DCI signal.
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com