Electronic Components Datasheet Search
  English  ▼

X  

AD9146 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9146
Description  Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9146 Datasheet(HTML) 5 Page - Analog Devices

  AD9146 Datasheet HTML 1Page - Analog Devices AD9146 Datasheet HTML 2Page - Analog Devices AD9146 Datasheet HTML 3Page - Analog Devices AD9146 Datasheet HTML 4Page - Analog Devices AD9146 Datasheet HTML 5Page - Analog Devices AD9146 Datasheet HTML 6Page - Analog Devices AD9146 Datasheet HTML 7Page - Analog Devices AD9146 Datasheet HTML 8Page - Analog Devices AD9146 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
AD9146
Rev. 0 | Page 5 of 52
DIGITAL SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IFS = 20 mA, maximum sample rate, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CMOS INPUT LOGIC LEVEL
Input VIN Logic High
1.2
V
Input VIN Logic Low
0.6
V
CMOS OUTPUT LOGIC LEVEL
Output VOUT Logic High
1.4
V
Output VOUT Logic Low
0.4
V
LVDS RECEIVER INPUTS1
Applies to data, DCI, and FRAME inputs
Input Voltage Range, VIA or VIB
825
1575
mV
Input Differential Threshold, VIDTH
−100
+100
mV
Input Differential Hysteresis, VIDTHH to VIDTHL
20
mV
Receiver Differential Input Impedance, RIN
80
120
Ω
LVDS Input Rate
See Table 5
DAC CLOCK INPUT (DACCLKP, DACCLKN)
Differential Peak-to-Peak Voltage
100
500
2000
mV
Common-Mode Voltage
Self-biased input, ac-coupled
1.25
V
Maximum Clock Rate
1200
MHz
REFCLK INPUT (REFCLKP, REFCLKN)
Differential Peak-to-Peak Voltage
100
500
2000
mV
Common-Mode Voltage
1.25
V
REFCLK Frequency
PLL Mode
1 GHz ≤ fVCO ≤ 2.1 GHz
15.625
525
MHz
SYNC Mode
See the Multichip Synchronization
section for conditions
0
525
MHz
SERIAL PORT INTERFACE
Maximum Clock Rate (SCLK)
40
MHz
Minimum Pulse Width High (tPWH)
12.5
ns
Minimum Pulse Width Low (tPWL)
12.5
ns
Setup Time, SDIO to SCLK (tDS)
2.09
ns
Hold Time, SDIO to SCLK (tDH)
0.844
ns
Data Valid, SDIO to SCLK (tDV)
2.904
ns
Setup Time, CS to SCLK (tDCSB)
2.38
ns
1 LVDS receiver is compliant with the IEEE 1596 reduced range link, unless otherwise noted.
DIGITAL INPUT DATA TIMING SPECIFICATIONS
Table 3.
Parameter
Value
Unit
LATENCY (DACCLK CYCLES)
1× Interpolation (With or Without Modulation)
64
Cycles
2× Interpolation (With or Without Modulation)
135
Cycles
4× Interpolation (With or Without Modulation)
292
Cycles
Inverse Sinc
20
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com