Electronic Components Datasheet Search
  English  ▼

X  

AD9146 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9146
Description  Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9146 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9146 Datasheet HTML 6Page - Analog Devices AD9146 Datasheet HTML 7Page - Analog Devices AD9146 Datasheet HTML 8Page - Analog Devices AD9146 Datasheet HTML 9Page - Analog Devices AD9146 Datasheet HTML 10Page - Analog Devices AD9146 Datasheet HTML 11Page - Analog Devices AD9146 Datasheet HTML 12Page - Analog Devices AD9146 Datasheet HTML 13Page - Analog Devices AD9146 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
AD9146
Rev. 0 | Page 10 of 52
TYPICAL PERFORMANCE CHARACTERISTICS
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
50
100
150
200
250
300
350
400
fOUT (MHz)
2×, 300MSPS, SECOND HARMONIC
4×, 200MSPS, SECOND HARMONIC
2×, 300MSPS, THIRD HARMONIC
4×, 200MSPS, THIRD HARMONIC
Figure 4. Harmonics vs. fOUT over fDATA and Interpolation,
Digital Scale = 0 dBFS, IFS = 20 mA
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
50
100
150
200
250
300
350
400
fOUT (MHz)
0dBFS
–6dBFS
–12dBFS
–18dBFS
Figure 5. Second Harmonic vs. fOUT over Digital Scale, 4× Interpolation,
fDATA = 400 MSPS, IFS = 20 mA
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
50
100
150
200
250
300
350
400
fOUT (MHz)
0dBFS
–6dBFS
–12dBFS
–18dBFS
Figure 6. Third Harmonic vs. fOUT over Digital Scale, 4× Interpolation,
fDATA = 400 MSPS, IFS = 20 mA
fOUT (MHz)
–80
–78
–76
–74
–72
–70
–68
–66
–64
–62
–60
0
50
100
150
200
250
300
350
400
2×, 300MSPS
4×, 200MSPS
Figure 7. Highest Digital Spur vs. fOUT over fDATA and Interpolation,
Digital Scale = 0 dBFS, IFS = 20 mA
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
START 1MHz
#RES BW 10kHz
STOP 600MHz
SWEEP 7.22s (1001pts)
VBW 10kHz
Figure 8. Single-Tone Spectrum, 2× Interpolation,
fDATA = 300 MSPS, fOUT = 101 MHz
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
START 1MHz
#RES BW 10kHz
STOP 800MHz
SWEEP 9.63s (1001pts)
VBW 10kHz
Figure 9. Single-Tone Spectrum, 4× Interpolation,
fDATA = 200 MSPS, fOUT = 151 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com