Electronic Components Datasheet Search
  English  ▼

X  

AD9146 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9146
Description  Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9146 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9146 Datasheet HTML 20Page - Analog Devices AD9146 Datasheet HTML 21Page - Analog Devices AD9146 Datasheet HTML 22Page - Analog Devices AD9146 Datasheet HTML 23Page - Analog Devices AD9146 Datasheet HTML 24Page - Analog Devices AD9146 Datasheet HTML 25Page - Analog Devices AD9146 Datasheet HTML 26Page - Analog Devices AD9146 Datasheet HTML 27Page - Analog Devices AD9146 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
AD9146
Rev. 0 | Page 24 of 52
Register
Name
Address
(Hex)
Bits
Name
Description
Default
Datapath
Config
0x1E
0
Set to 1
Set this bit to 1 for proper operation. (The default value
must be changed from 0 to 1.)
0
Chip ID
0x1F
[7:0]
Chip ID[7:0]
This register identifies the device as an AD9146.
00001000
I Phase Adj
LSB
0x38
[7:0]
I Phase Adj[7:0]
See Register 0x39.
00000000
I Phase Adj
MSB
0x39
[1:0]
I Phase Adj[9:8]
I Phase Adj[9:0] is used to insert a phase offset between
the I and Q datapaths. This offset can be used to correct
for phase imbalance in a quadrature modulator. See the
Quadrature Phase Correction section for more information.
00
Q Phase Adj
LSB
0x3A
[7:0]
Q Phase Adj[7:0]
See Register 0x3B.
00000000
Q Phase Adj
MSB
0x3B
[1:0]
Q Phase Adj[9:8]
Q Phase Adj[9:0] is used to insert a phase offset between
the I and Q datapaths. This offset can be used to correct
for phase imbalance in a quadrature modulator. See the
Quadrature Phase Correction section for more information.
00
I DAC Offset
LSB
0x3C
[7:0]
I DAC Offset[7:0]
See Register 0x3D.
00000000
I DAC Offset
MSB
0x3D
[7:0]
I DAC Offset[15:8]
I DAC Offset[15:0] is a value that is added directly to the
samples written to the I DAC.
00000000
Q DAC
Offset LSB
0x3E
[7:0]
Q DAC Offset[7:0]
See Register 0x3F.
00000000
Q DAC
Offset MSB
0x3F
[7:0]
Q DAC Offset[15:8]
Q DAC Offset[15:0] is a value that is added directly to the
samples written to the Q DAC.
00000000
I DAC
FS Adjust
0x40
[7:0]
I DAC FS Adj[7:0]
See Register 0x41, Bits[1:0].
11111001
I DAC
Control
0x41
7
I DAC sleep
1 = puts the I DAC into sleep mode (fast wake-up mode).
0
[1:0]
I DAC FS Adj[9:8]
I DAC FS Adj[9:0] sets the full-scale current of the I DAC.
The full-scale current can be adjusted from 8.64 mA to
31.68 mA in step sizes of approximately 22.5 μA.
01
0x000 = 8.64 mA.
…
0x200 = 20.16 mA.
…
0x3FF = 31.68 mA.
I Aux DAC
Data
0x42
[7:0]
I Aux DAC[7:0]
See Register 0x43, Bits[1:0].
00000000
I Aux DAC
Control
0x43
7
I aux DAC sign
0 = the I auxiliary DAC sign is positive, and the current is
directed to the IOUT1P pin (Pin 47).
0
1 = the I auxiliary DAC sign is negative, and the current is
directed to the IOUT1N pin (Pin 46).
6
I aux DAC current
direction
0 = the I auxiliary DAC sources current.
0
1 = the I auxiliary DAC sinks current.
5
I aux DAC sleep
1 = puts the I auxiliary DAC into sleep mode.
0
[1:0]
I Aux DAC[9:8]
I Aux DAC[9:0] sets the magnitude of the auxiliary DAC
current. The range is 0 mA to 2 mA, and the step size is 2 μA.
00
0x000 = 0.000 mA.
0x001 = 0.002 mA.
…
0x3FF = 2.046 mA.
Q DAC
FS Adjust
0x44
[7:0]
Q DAC FS Adj[7:0]
See Register 0x45, Bits[1:0].
11111001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com