Electronic Components Datasheet Search
  English  ▼

X  

AD9146 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9146
Description  Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9146 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9146 Datasheet HTML 28Page - Analog Devices AD9146 Datasheet HTML 29Page - Analog Devices AD9146 Datasheet HTML 30Page - Analog Devices AD9146 Datasheet HTML 31Page - Analog Devices AD9146 Datasheet HTML 32Page - Analog Devices AD9146 Datasheet HTML 33Page - Analog Devices AD9146 Datasheet HTML 34Page - Analog Devices AD9146 Datasheet HTML 35Page - Analog Devices AD9146 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
AD9146
Rev. 0 | Page 32 of 52
0.40
Figure 41 shows the pass-band filter response for HB1. In most
applications, the usable bandwidth of the filter is limited by the
image suppression provided by the stop-band rejection and not
by the pass-band flatness. Table 16 shows the pass-band flatness
and the stop-band rejection supported by the HB1 filter at dif-
ferent bandwidths.
0.02
–0.10
–0.08
–0.06
–0.04
–0.02
0
0
0.36
0.32
0.28
0.24
0.20
0.16
0.12
0.08
0.04
FREQUENCY (×
fIN1) (Hz)
Figure 41. Pass-Band Detail of HB1
Table 16. HB1 Pass-Band and Stop-Band Performance by
Bandwidth
Bandwidth (% of fIN1)
Pass-Band
Flatness (dB)
Stop-Band
Rejection (dB)
80
0.001
85
80.4
0.0012
80
81.2
0.0033
70
82
0.0076
60
83.6
0.0271
50
85.6
0.1096
40
Half-Band Filter 2 (HB2)
HB2 has eight modes of operation, as shown in Figure 42 and
Figure 43. The shape of the filter response is identical in each
of the eight modes. The eight modes are distinguished by two
factors: the filter center frequency and whether the input signal
is modulated by the filter.
0
–20
–40
–60
–80
–100
02
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
.0
MODE 0
MODE 2
MODE 6
MODE 4
FREQUENCY (×
fIN2) (Hz)
Figure 42. HB2, Even Filter Modes
0
–20
–40
–60
–80
–100
02
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
.0
MODE 1
MODE 3
MODE 7
MODE 5
FREQUENCY (×
fIN2) (Hz)
Figure 43. HB2, Odd Filter Modes
As shown in Figure 42 and Figure 43, the center frequency in
each mode is offset by one-fourth the input data rate (fIN2) of
the filter. Mode 0 through Mode 3 do not modulate the input
signal. Mode 4 through Mode 7 modulate the input signal by
fIN2. When operating in Mode 0 and Mode 4, the I and Q paths
operate independently and no mixing of the data between chan-
nels occurs. When operating in the other six modes, mixing of
the data between the I and Q paths occurs; therefore, the data
input to the filter is assumed to be complex. Table 17 summarizes
the HB2 modes.
Table 17. HB2 Filter Modes
Mode
fCENTER
fMOD
Input Data
0
DC
None
Real or complex
1
fIN/4
None
Complex
2
fIN/2
None
Complex
3
3fIN/4
None
Complex
4
fIN
fIN
Real or complex
5
5fIN/4
fIN
Complex
6
3fIN/2
fIN
Complex
7
7fIN/4
fIN
Complex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com