Electronic Components Datasheet Search
  English  ▼

X  

AD9146 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9146
Description  Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9146 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9146 Datasheet HTML 37Page - Analog Devices AD9146 Datasheet HTML 38Page - Analog Devices AD9146 Datasheet HTML 39Page - Analog Devices AD9146 Datasheet HTML 40Page - Analog Devices AD9146 Datasheet HTML 41Page - Analog Devices AD9146 Datasheet HTML 42Page - Analog Devices AD9146 Datasheet HTML 43Page - Analog Devices AD9146 Datasheet HTML 44Page - Analog Devices AD9146 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
AD9146
Rev. 0 | Page 41 of 52
REDUCING LO LEAKAGE AND UNWANTED
SIDEBANDS
Analog quadrature modulators can introduce unwanted
signals at the LO frequency due to dc offset voltages in the
I and Q baseband inputs, as well as feedthrough paths from
the LO input to the output. The LO feedthrough can be nulled
by applying the correct dc offset voltages at the DAC output.
This can be done using the auxiliary DACs (Register 0x42,
Register 0x43, Register 0x46, and Register 0x47) or by using
the digital dc offset adjustments (Register 0x3C through
Register 0x3F).
The advantage of using the auxiliary DACs is that none of
the main DAC dynamic range is used to perform the dc offset
adjustment. The disadvantage is that the common-mode level
of the output signal changes as a function of the auxiliary DAC
current. The opposite is true when the digital offset adjustment
is used.
Good sideband suppression requires both gain and phase
matching of the I and Q signals. The I/Q phase adjust registers
(Register 0x38 through Register 0x3B) and the DAC FS adjust
registers (Register 0x40 and Register 0x44) can be used to calibrate
the I and Q transmit paths to optimize sideband suppression.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com