Electronic Components Datasheet Search
  English  ▼

X  

AD9146 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9146
Description  Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9146 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9146 Datasheet HTML 19Page - Analog Devices AD9146 Datasheet HTML 20Page - Analog Devices AD9146 Datasheet HTML 21Page - Analog Devices AD9146 Datasheet HTML 22Page - Analog Devices AD9146 Datasheet HTML 23Page - Analog Devices AD9146 Datasheet HTML 24Page - Analog Devices AD9146 Datasheet HTML 25Page - Analog Devices AD9146 Datasheet HTML 26Page - Analog Devices AD9146 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
AD9146
Rev. 0 | Page 23 of 52
Register
Name
Address
(Hex)
Bits
Name
Description
Default
FIFO Control
0x17
[2:0]
FIFO Phase Offset[2:0]
FIFO write pointer phase offset following FIFO reset. This
is the difference between the read pointer and the write
pointer values upon FIFO reset. The optimal value is
nominally 4 (100).
100
000 = 0.
001 = 1.
…
111 = 7.
FIFO Status
0x18
7
FIFO Warning 1
1 = FIFO read and write pointers are within ±1.
N/A
6
FIFO Warning 2
1 = FIFO read and write pointers are within ±2.
N/A
2
FIFO soft align
acknowledge
1 = FIFO read and write pointers are aligned after a serial
port initiated FIFO reset.
N/A
1
FIFO soft align request
1 = request FIFO read and write pointer alignment via the
serial port.
0
0x19
[7:0]
FIFO Level[7:0]
Thermometer encoded measure of the FIFO level.
N/A
Datapath
Control
0x1B
7
Bypass premod
1 = bypass the fS/2 premodulator.
1
6
Bypass sinc−1
1 = bypass the inverse sinc filter.
1
5
Set to 1
Set this bit to 1 for proper operation.
1
2
Bypass phase
compensation
and dc offset
1 = bypass phase compensation and dc offset.
1
1
Select sideband
0 = the modulator outputs the high-side image.
0
1 = the modulator outputs the low-side image. The image is
spectrally inverted compared to the input data.
0
Send I data to Q data
1 = ignore Q data from the interface and disable the clocks
to the Q datapath. Send I data to both the I and Q DACs.
0
HB1 Control
0x1C
[2:1]
HB1[1:0]
Modulation mode for I Side Half-Band Filter 1.
00
00 = input signal not modulated; filter pass band is from
−0.4 to +0.4 of fIN1.
01 = input signal not modulated; filter pass band is from
0.1 to 0.9 of fIN1.
10 = input signal modulated by fIN1; filter pass band is from
0.6 to 1.4 of fIN1.
11 = input signal modulated by fIN1; filter pass band is from
1.1 to 1.9 of fIN1.
0
Bypass HB1
1 = bypass the first-stage interpolation filter.
0
HB2 Control
0x1D
[6:1]
HB2[5:0]
Modulation mode for I Side Half-Band Filter 2.
000000
000000 = input signal not modulated; filter pass band is
from −0.25 to +0.25 of fIN2.
001001 = input signal not modulated; filter pass band is
from 0.0 to 0.5 of fIN2.
010010 = input signal not modulated; filter pass band is
from 0.25 to 0.75 of fIN2.
011011 = input signal not modulated; filter pass band is
from 0.5 to 1.0 of fIN2.
100100 = input signal modulated by fIN2; filter pass band is
from 0.75 to 1.25 of fIN2.
101101 = input signal modulated by fIN2; filter pass band is
from 1.0 to 1.5 of fIN2.
110110 = input signal modulated by fIN2; filter pass band is
from 1.25 to 1.75 of fIN2.
111111 = input signal modulated by fIN2; filter pass band is
from 1.5 to 2.0 of fIN2.
0
Bypass HB2
1 = bypass the second-stage interpolation filter.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com