Electronic Components Datasheet Search
  English  ▼

X  

AD9146 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9146
Description  Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9146 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9146 Datasheet HTML 16Page - Analog Devices AD9146 Datasheet HTML 17Page - Analog Devices AD9146 Datasheet HTML 18Page - Analog Devices AD9146 Datasheet HTML 19Page - Analog Devices AD9146 Datasheet HTML 20Page - Analog Devices AD9146 Datasheet HTML 21Page - Analog Devices AD9146 Datasheet HTML 22Page - Analog Devices AD9146 Datasheet HTML 23Page - Analog Devices AD9146 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
AD9146
Rev. 0 | Page 20 of 52
Register
Name
Address
(Hex)
Bits
Name
Description
Default
Data Format
0x03
7
Binary data format
0 = input data is in twos complement format.
0
1 = input data is in binary format.
6
Q data first
Indicates I/Q data pairing on data input.
0
0 = I data sent to data receiver first.
1 = Q data sent to data receiver first.
5
MSB swap
Swaps the bit order of the data input port.
0
0 = order of the data bits corresponds to the pin descriptions.
1 = bit designations are swapped; most significant bits
become the least significant bits.
[1:0]
Data Bus Width[1:0]
Data receiver interface mode. See the LVDS Input Data Ports
section for information about the operation of the different
interface modes.
00
00 = byte mode; 8-bit interface bus width.
01 = byte mode; 8-bit interface bus width.
10 = nibble mode; 4-bit interface bus width.
11 = invalid.
Interrupt
Enable
0x04
7
Enable PLL lock lost
1 = enable interrupt for PLL lock lost.
0
6
Enable PLL locked
1 = enable interrupt for PLL locked.
0
5
Enable sync signal lost
1 = enable interrupt for sync signal lost.
0
4
Enable sync signal locked
1 = enable interrupt for sync signal locked.
0
1
Enable FIFO Warning 1
1 = enable interrupt for FIFO Warning 1.
0
0
Enable FIFO Warning 2
1 = enable interrupt for FIFO Warning 2.
0
0x05
[7:5]
Set to 0
Set these bits to 0.
000
4
Enable AED compare pass
1 = enable interrupt for AED comparison pass.
0
3
Enable AED compare fail
1 = enable interrupt for AED comparison fail.
0
2
Enable SED compare fail
1 = enable interrupt for SED comparison fail.
0
[1:0]
Set to 0
Set these bits to 0.
00
Event Flag
0x06
7
PLL lock lost
1 = indicates that the PLL, which had been previously
locked, has unlocked from the reference signal. This is a
latched signal.
N/A
6
PLL locked
1 = indicates that the PLL has locked to the reference
clock input.
N/A
5
Sync signal lost
1 = indicates that the sync logic, which had been previously
locked, has lost alignment. This is a latched signal.
N/A
4
Sync signal locked
1 = indicates that the sync logic has achieved sync
alignment. This is indicated when no phase changes
were requested for at least a few full averaging cycles.
N/A
1
FIFO Warning 1
1 = indicates that the difference between the FIFO read
and write pointers is 1.
N/A
0
FIFO Warning 2
1 = indicates that the difference between the FIFO read
and write pointers is 2.
N/A
Note that all event flags are cleared by writing the respective bit high.
0x07
4
AED compare pass
1 = indicates that the SED logic detected a valid input data
pattern compared against the preprogrammed expected
values. This is a latched signal.
N/A
3
AED compare fail
1 = indicates that the SED logic detected an invalid input data
pattern compared against the preprogrammed expected
values. This latched signal is automatically cleared when
eight valid I/Q data pairs are received.
N/A
2
SED compare fail
1 = indicates that the SED logic detected an invalid input
data pattern compared against the preprogrammed
expected values. This is a latched signal.
N/A
Note that all event flags are cleared by writing the respective bit high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com