Electronic Components Datasheet Search
  English  ▼

X  

AD9146 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9146
Description  Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9146 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9146 Datasheet HTML 29Page - Analog Devices AD9146 Datasheet HTML 30Page - Analog Devices AD9146 Datasheet HTML 31Page - Analog Devices AD9146 Datasheet HTML 32Page - Analog Devices AD9146 Datasheet HTML 33Page - Analog Devices AD9146 Datasheet HTML 34Page - Analog Devices AD9146 Datasheet HTML 35Page - Analog Devices AD9146 Datasheet HTML 36Page - Analog Devices AD9146 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
AD9146
Rev. 0 | Page 33 of 52
.32
Table 18. HB2 Pass-Band and Stop-Band Performance by
Bandwidth
Bandwidth (% of fIN2)
Pass-Band
Flatness (dB)
Figure 44 shows the pass-band filter response for HB2. In most
applications, the usable bandwidth of the filter is limited by the
image suppression provided by the stop-band rejection and not
by the pass-band flatness. Table 18 shows the pass-band flatness
and stop-band rejection supported by the HB2 filter at different
bandwidths.
Stop-Band
Rejection (dB)
50
0.001
85
50.8
0.0012
80
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
00
0.28
0.24
0.20
0.16
0.12
0.08
0.04
FREQUENCY (×
fIN2) (Hz)
52.8
0.0028
70
56
0.0089
60
60
0.0287
50
64.8
0.1877
40
DATAPATH CONFIGURATION
Configuring the AD9146 datapath starts with the application
requirements of the input data rate, the interpolation ratio, the
output signal bandwidth, and the output signal center frequency.
Given these four parameters, the first step in configuring the
datapath is to verify that the device supports the bandwidth
requirements. The modes of the interpolation filters are then
chosen.
DETERMINING INTERPOLATION FILTER MODES
Table 19 shows the recommended interpolation filter settings
for a variety of filter interpolation factors, filter center frequencies,
and signal modulation. The interpolation modes were chosen
based on the final center frequency of the signal and by deter-
mining the frequency shift of the signal required. When these
parameters are known and put in terms of the input data rate
(fDATA), the filter configuration that comes closest to matching
is selected from Table 19.
Figure 44. Pass-Band Detail of HB2
Table 19. Recommended Interpolation Filter Modes (Register 0x1C and Register 0x1D)
Interpolation Factor
Filter Modes
fSIGNAL Modulation
HB1[1:0]
HB2[5:0]
fCENTER Shift
4
00 (Mode 0)
000000
DC
0
4
01 (Mode 1)
001001
DC1
fDATA/2
4
10 (Mode 2)
010010
fDATA
fDATA
4
11 (Mode 3)
011011
fDATA1
3fDATA/2
4
00 (Mode 0)
100100
2fDATA
2fDATA
4
01 (Mode 1)
101101
2fDATA1
5fDATA/2
4
10 (Mode 2)
110110
3fDATA
3fDATA
4
11 (Mode 3)
111111
3fDATA1
7fDATA/2
2
00 (Mode 0)
Bypass
DC
0
2
01 (Mode 1)
Bypass
DC1
fDATA/2
2
10 (Mode 2)
Bypass
fDATA
fDATA
2
11 (Mode 3)
Bypass
fDATA1
3fDATA/2
1 When HB1 Mode 1 or Mode 3 is used, enabling premodulation provides an additional frequency translation of the input signal by fDATA/2, which centers a baseband
input signal in the filter pass band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com