Electronic Components Datasheet Search
  English  ▼

X  

AD9146 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9146
Description  Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9146 Datasheet(HTML) 1 Page - Analog Devices

  AD9146 Datasheet HTML 1Page - Analog Devices AD9146 Datasheet HTML 2Page - Analog Devices AD9146 Datasheet HTML 3Page - Analog Devices AD9146 Datasheet HTML 4Page - Analog Devices AD9146 Datasheet HTML 5Page - Analog Devices AD9146 Datasheet HTML 6Page - Analog Devices AD9146 Datasheet HTML 7Page - Analog Devices AD9146 Datasheet HTML 8Page - Analog Devices AD9146 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Dual, 16-Bit, 1230 MSPS,
TxDAC+ Digital-to-Analog Converter
AD9146
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Flexible LVDS interface allows byte or nibble load
Single-carrier W-CDMA ACLR = 80 dBc at 122.88 MHz IF
Analog output: adjustable 8.7 mA to 31.7 mA, RL = 25 Ω to 50 Ω
Integrated 2×/4× interpolator/complex modulator allows
carrier placement anywhere in the DAC bandwidth
Gain, dc offset, and phase adjustment for sideband
suppression
Multiple chip synchronization interfaces
High performance, low noise PLL clock multiplier
Digital inverse sinc filter
Low power: 1.2 W at 1.0 GSPS, 800 mW at 500 MSPS,
full operating conditions
48-lead, exposed paddle LFCSP
APPLICATIONS
Wireless infrastructure
W-CDMA, CDMA2000, TD-SCDMA, WiMAX, GSM, LTE
Digital high or low IF synthesis
Transmit diversity
Wideband communications: LMDS/MMDS, point-to-point
GENERAL DESCRIPTION
The AD9146 is a dual, 16-bit, high dynamic range digital-to-
analog converter (DAC) that provides a sample rate of 1230 MSPS,
permitting multicarrier generation up to the Nyquist frequency.
The AD9146 TxDAC+® includes features optimized for direct
conversion transmit applications, including complex digital mod-
ulation, and gain and offset compensation. The DAC outputs
are optimized to interface seamlessly with analog quadrature
modulators, such as the ADL537x F-MOD series from Analog
Devices, Inc. A 3-wire serial port interface provides for program-
ming/readback of many internal parameters. Full-scale output
current can be programmed over a range of 8.7 mA to 31.7 mA.
The AD9146 comes in a 48-lead LFCSP.
PRODUCT HIGHLIGHTS
1.
Ultralow noise and intermodulation distortion (IMD)
enable high quality synthesis of wideband signals from
baseband to high intermediate frequencies (IF).
2.
Proprietary DAC output switching technique enhances
dynamic performance.
3.
Current outputs are easily configured for various single-
ended or differential circuit topologies.
4.
Compact LVDS digital interface offers reduced width
data bus.
COMPANION PRODUCTS
IQ Modulators: ADL5370, ADL537x family
IQ Modulators with PLL and VCO: ADRF6701, ADRF670x family
Clock Drivers: AD9516, AD951x family
Voltage Regulator Design Tool: ADIsimPower
Additional companion products on the AD9146 product page
TYPICAL SIGNAL CHAIN
NOTES
1. AQM = ANALOG QUADRATURE MODULATOR.
COMPLEX BASEBAND
DC
COMPLEX IF
fIF
RF
LO – fIF
DIGITAL
BASEBAND
PROCESSOR
PA
I DAC
Q DAC
2/4
SINC–1
2/4
SINC–1
ANTIALIASING
FILTER
AQM
LO
OFFSET
AND
GAIN ADJ
OFFSET
AND
GAIN ADJ
Figure 1.


Similar Part No. - AD9146

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9146 AD-AD9146 Datasheet
914Kb / 56P
TxDAC Digital-to-Analog Converter
1/12-Rev. 0 to Rev. A
AD9146-M5375-EBZ AD-AD9146-M5375-EBZ Datasheet
914Kb / 56P
TxDAC Digital-to-Analog Converter
1/12-Rev. 0 to Rev. A
AD9146BCPZ AD-AD9146BCPZ Datasheet
914Kb / 56P
TxDAC Digital-to-Analog Converter
1/12-Rev. 0 to Rev. A
AD9146BCPZRL AD-AD9146BCPZRL Datasheet
914Kb / 56P
TxDAC Digital-to-Analog Converter
1/12-Rev. 0 to Rev. A
AD9146 AD-AD9146_12 Datasheet
914Kb / 56P
TxDAC Digital-to-Analog Converter
1/12-Rev. 0 to Rev. A
More results

Similar Description - AD9146

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9122 AD-AD9122 Datasheet
1Mb / 56P
Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9148 AD-AD9148 Datasheet
851Kb / 73P
Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
AD9125 AD-AD9125 Datasheet
889Kb / 56P
Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9139 AD-AD9139 Datasheet
1Mb / 56P
16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9142 AD-AD9142 Datasheet
1Mb / 65P
Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
TxDAC Digital-to- Analog Converter
3/14-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com