Electronic Components Datasheet Search
  English  ▼

X  

AD9146 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9146
Description  Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9146 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9146 Datasheet HTML 15Page - Analog Devices AD9146 Datasheet HTML 16Page - Analog Devices AD9146 Datasheet HTML 17Page - Analog Devices AD9146 Datasheet HTML 18Page - Analog Devices AD9146 Datasheet HTML 19Page - Analog Devices AD9146 Datasheet HTML 20Page - Analog Devices AD9146 Datasheet HTML 21Page - Analog Devices AD9146 Datasheet HTML 22Page - Analog Devices AD9146 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
AD9146
Rev. 0 | Page 19 of 52
Table 11. Device Configuration Register Descriptions
Register
Name
Address
(Hex)
Bits
Name
Description
Default
Comm
0x00
7
SDIO
SDIO pin operation. To enable data readback, set this bit to 1.
0
0 = SDIO operates as an input only.
1 = SDIO operates as a bidirectional input/output.
6
LSB_FIRST
Serial port communication, LSB or MSB first.
0
0 = MSB first.
1 = LSB first.
5
Reset
The device is placed in reset when this bit is written high
and remains in reset until the bit is written low.
0
Power
Control
0x01
7
Power down I DAC
1 = power down I DAC.
0
6
Power down Q DAC
1 = power down Q DAC.
0
5
Power down data
receiver
1 = power down the input data receiver.
0
4
Power down auxiliary
ADC
1 = power down the auxiliary ADC for temperature sensor.
1
3
Power down auxiliary
DACs and reference
1 = power down the auxiliary DACs and the voltage reference.
0
2
Power down clocks
1 = power down the clocks.
0
Tx Enable
Control
0x02
6
Extended delay length
Time delay from when the TXENABLE pin is brought high to
when the DAC begins transmitting data. See the T
x Enable
section for more information.
0 = delay the outputs by 12 to 13 DAC/64 clock edges.
1 = delay the outputs by 19 to 20 DAC/64 clock edges.
0
5
Enable extended delay
The transmit delay, regardless of whether the extended delay
option is selected, has an inherent fixed delay of 10 DAC clock
cycles. When the extended delay is disabled, there is a mini-
mum delay time in the outputs of 1 to 2 DAC/64 clock edges
from when the TXENABLE pin is brought high.
0 = disable the extended delay option. Delays the outputs
by 1 to 2 DAC/64 clock edges.
1 = enable the extended delay option. Delays the outputs
based on the setting of Bit 6.
0
4
Power down voltage
reference
0 = no power-down of the internal voltage reference.
1 = power down the internal voltage reference when the
TXENABLE pin is held low.
0
3
Power down PLL
0 = no power-down of the on-chip PLL.
1 = power down the on-chip PLL when the TXENABLE pin is
held low.
0
2
Power down DACs
0 = no power-down of the DAC cores.
1 = power down the DAC cores when the TXENABLE pin is
held low.
0
1
Power down FIFO
0 = no power-down of the FIFO.
1 = power down the FIFO when the TXENABLE pin is held
low.
0
0
Power down filters
0 = no power-down of the interpolation filters.
1 = power down the interpolation filters when the
TXENABLE pin is held low.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com