Electronic Components Datasheet Search
  English  ▼

X  

TLE6368 Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 22Page - Infineon Technologies AG TLE6368 Datasheet HTML 23Page - Infineon Technologies AG TLE6368 Datasheet HTML 24Page - Infineon Technologies AG TLE6368 Datasheet HTML 25Page - Infineon Technologies AG TLE6368 Datasheet HTML 26Page - Infineon Technologies AG TLE6368 Datasheet HTML 27Page - Infineon Technologies AG TLE6368 Datasheet HTML 28Page - Infineon Technologies AG TLE6368 Datasheet HTML 29Page - Infineon Technologies AG TLE6368 Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
26
Rev. 2.2, 2006-12-01
1) Package mounted on FR4 47x50x1.5mm3; 70µ Cu, zero airflow
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit.
3.1.28 SPI Chip Select Not Input CS
Voltage
V
CS
-0.5
6
V
–
Current
I
CS
––
–
3.1.29 Error Output Pin
Voltage
V
ERR
-0.5
6
V
–
Current
I
ERR
––
–
Internally limited
3.1.30 Thermal Resistance
Junction-
ambient
R
thja
37
K/W
1)PCB heat sink area
300mm2
Junction-
ambient
R
thja
29
K/W
1)PCB heat sink area
600mm2
Junction-
case
R
thjc
–
2
K/W
3.1.31 Temperature
Junction
temperature
Tj
-40
150
°C
Junction
temperature
transient
Tjt
175
°C
lifetime=TBD
Storage
temperature
Tstg
-50
150
°C
3.1.32 ESD
ESD
VESD
-1
1
kV
HBM-Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com