Electronic Components Datasheet Search
  English  ▼

X  

TLE6368 Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 30Page - Infineon Technologies AG TLE6368 Datasheet HTML 31Page - Infineon Technologies AG TLE6368 Datasheet HTML 32Page - Infineon Technologies AG TLE6368 Datasheet HTML 33Page - Infineon Technologies AG TLE6368 Datasheet HTML 34Page - Infineon Technologies AG TLE6368 Datasheet HTML 35Page - Infineon Technologies AG TLE6368 Datasheet HTML 36Page - Infineon Technologies AG TLE6368 Datasheet HTML 37Page - Infineon Technologies AG TLE6368 Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
34
Rev. 2.2, 2006-12-01
3.4.59 Tracker load
capacitor
CQ_T2
1
µF
Ceramic type,
minimum for
stability
Voltage Tracker Q_T3
3.4.60 Output
voltage
tracking
accuracy
∆VQ_T3
-15
-2
5
mV
VQ_T3-VQ_LDO1;
1mA < IQ_T3 <
17mA
3.4.61 Output
voltage
tracking
accuracy
∆VQ_T3
-10
mV
VQ_T3-VQ_LDO1;
IQ_T3 = 17mA
3.4.62 Overvoltage
threshold
VOVQ_T3
VQ_T3,
nom
mV
IQ_T3 = 0mA; 1)
3.4.63 Undervoltage
threshold
VUVQ_T3
VQ_T3-
15mV
mV
1)
3.4.64 Current limit
IQ_T3 limit
17
30
mA
VQ_T3=4V
3.4.65 Ripple
rejection
PSRR
26
dB
f=330kHz; 1)
3.4.66 Tracker load
capacitor
CQ_T3
1
µF
Ceramic type,
minimum for
stability
Voltage Tracker Q_T4
3.4.67 Output
voltage
tracking
accuracy
∆VQ_T4
-15
-2
5
mV
VQ_T4-VQ_LDO1;
1mA < IQ_T4 <
17mA
3.4.68 Output
voltage
tracking
accuracy
∆VQ_T4
-8
mV
VQ_T4-VQ_LDO1;
IQ_T4 = 17mA
3.4.69 Overvoltage
threshold
VOVQ_T4
VQ_T4,
nom
mV
IQ_T4 = 0mA; 1)
-40 < Tj <150 °C; VIN=13.5V unless otherwise specified
Item Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com