Electronic Components Datasheet Search
  English  ▼

X  

TLE6368 Datasheet(PDF) 56 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 56 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 51Page - Infineon Technologies AG TLE6368 Datasheet HTML 52Page - Infineon Technologies AG TLE6368 Datasheet HTML 53Page - Infineon Technologies AG TLE6368 Datasheet HTML 54Page - Infineon Technologies AG TLE6368 Datasheet HTML 55Page - Infineon Technologies AG TLE6368 Datasheet HTML 56Page - Infineon Technologies AG TLE6368 Datasheet HTML 57Page - Infineon Technologies AG TLE6368 Datasheet HTML 58Page - Infineon Technologies AG TLE6368 Datasheet HTML 59Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 56 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
56
Rev. 2.2, 2006-12-01
5.8
Layout recommendation
The most sensitive points for Buck converters - when considering the layout - are the
nodes at the input and the output of the Buck switch, the DMOS transistor.
For proper operation the external catch diode and Buck inductance have to be
connected as close as possible to the SW pins (29, 31). Best suitable for the connection
of the cathode of the Schottky diode and one terminal of the inductance would be a small
plain located next to the SW pins.
The GND connection of the catch diode must be also as short as possible. In general the
GND level should be implemented as surface area over the whole PCB as second layer,
if necessary as third layer.
The pin FB/L_IN is sensitive to noise. With an appropriate layout the Buck output
capacitor helps to avoid noise coupling to this pin. Also filtering of steep edges at the
supply voltage pin e.g. as shown in the application diagram is mandatory. CI2 may either
be a low ESR Tantalum capacitor or a ceramic capacitor. A minimum capacitance of
10µF is recommended for CI2.
To obtain the optimum filter capability of the input
π-filter it has to be located also as
close as possible to the IN pins, at least the ceramic capacitor CI3 should be next to those
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com