Electronic Components Datasheet Search
  English  ▼

X  

TLE6368 Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 42Page - Infineon Technologies AG TLE6368 Datasheet HTML 43Page - Infineon Technologies AG TLE6368 Datasheet HTML 44Page - Infineon Technologies AG TLE6368 Datasheet HTML 45Page - Infineon Technologies AG TLE6368 Datasheet HTML 46Page - Infineon Technologies AG TLE6368 Datasheet HTML 47Page - Infineon Technologies AG TLE6368 Datasheet HTML 48Page - Infineon Technologies AG TLE6368 Datasheet HTML 49Page - Infineon Technologies AG TLE6368 Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
46
Rev. 2.2, 2006-12-01
Q_LDO1 output voltage at 800mA load
vs. junction temperature
Reset1 threshold at decreasing V_LDO1
vs. junction temperature
Q_LDO1 current limit
vs. junction temperature
Q_LDO2 output voltage at 400mA load
(2.6V mode) vs. junction temperature
-50
-20
10
40
70
100
130
160
T
j
°C
V
Q_LDO1
V
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
-50
-20
10
40
70
100
130
160
T
j
°C
V
RTH
Q_LDO1, de
V
4.45
4.50
4.55
4.60
4.65
4.70
4.75
4.80
-50
-20
10
40
70
100
130
160
T
j
°C
I
Q_LDO1
V
1400
1300
700
800
900
1000
1100
1200
-50
-20
10
40
70
100
130
160
T
j
°C
V
Q_LDO2
V
2.45
2.50
2.55
2.60
2.65
2.70
2.75
2.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com