Electronic Components Datasheet Search
  English  ▼

X  

TLE6368 Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 33Page - Infineon Technologies AG TLE6368 Datasheet HTML 34Page - Infineon Technologies AG TLE6368 Datasheet HTML 35Page - Infineon Technologies AG TLE6368 Datasheet HTML 36Page - Infineon Technologies AG TLE6368 Datasheet HTML 37Page - Infineon Technologies AG TLE6368 Datasheet HTML 38Page - Infineon Technologies AG TLE6368 Datasheet HTML 39Page - Infineon Technologies AG TLE6368 Datasheet HTML 40Page - Infineon Technologies AG TLE6368 Datasheet HTML 41Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
37
Rev. 2.2, 2006-12-01
3.4.94 Turn off
Wake-up
threshold
Vwake th, off 1.8
2.35
V
Vwake decreasing
3.4.95 Wake-up
input current
Iwake
50
150
µA
Vwake=5V
3.4.96 Wake up
input on time
twake,min
410
50
µs
Vwake >
Vwake th, max;
1)
Reset R1
3.4.97 Reset
threshold
Q_LDO1
VRTH
Q_LDO1, de
4.5
4.65
4.8
V
VQ_LDO1
decreasing
3.4.98 Reset
threshold
Q_LDO1
VRTH
Q_LDO1, in
4.55
4.70
4.9
V
VQ_LDO1
increasing
3.4.99 Reset output
low voltage
VR1 L
0.4
V
IR1=1.6mA;
VQ_LDO1 =5V
3.4.100 Reset output
low voltage
VR1 L
0.3
V
IR1=0.3mA;
VQ_LDO1 =1V
3.4.101 Reset output
low sink
current
IR1 L
10
µA
VQ_LDO1 =0.75V;
Tj > 25°C
3.4.102 Reset High
leakage
current
IR1 H
1µA
Reset R2
3.4.103 Reset
threshold
Q_LDO2
VRTH
Q_LDO2, de
2.6
2.8
3.0
V
3.3V mode;
VQ_LDO2
decreasing
3.4.104 Reset
threshold
hysteresis
Q_LDO2
VRTH
Q_LDO2, in -
VRTH
Q_LDO2, de
40
mV
3.3V mode
-40 < Tj <150 °C; VIN=13.5V unless otherwise specified
Item Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com