Electronic Components Datasheet Search
  English  ▼

X  

TLE6368 Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 37Page - Infineon Technologies AG TLE6368 Datasheet HTML 38Page - Infineon Technologies AG TLE6368 Datasheet HTML 39Page - Infineon Technologies AG TLE6368 Datasheet HTML 40Page - Infineon Technologies AG TLE6368 Datasheet HTML 41Page - Infineon Technologies AG TLE6368 Datasheet HTML 42Page - Infineon Technologies AG TLE6368 Datasheet HTML 43Page - Infineon Technologies AG TLE6368 Datasheet HTML 44Page - Infineon Technologies AG TLE6368 Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
41
Rev. 2.2, 2006-12-01
3.4.139 H-input
voltage
threshold
V
IH
–40
70
% of
V
Q_LDO1
–
3.4.140 L-input
voltage
threshold
V
IL
20
36
–
% of
V
Q_LDO1
–
3.4.141 Hysteresis of
input voltage
V
IHY
50
200
500
mV
1)
3.4.142 Pull down
current
I
I
5
25
100
µA
VCLK = 0.2 *
VQ_LDO1
3.4.143 Input
capacitance
C
I
–10
15
pF
0 V < VQ_LDO1 <
5.25 V
3.4.144 Input signal
rise time
t
r
–
–
200
ns
1)
3.4.145 Input signal
fall time
t
f
–
–
200
ns
1)
SPI Chip Select Input CS
3.4.146 H-input
voltage
threshold
V
IH
–39
70
% of
V
Q_LDO1
–
3.4.147 L-input
voltage
threshold
V
IL
20
35
–
% of
V
Q_LDO1
–
3.4.148 Hysteresis of
input voltage
V
IHY
50
200
500
mV
1)
3.4.149 Pull up
current at pin
CS
I
I, CS
– 100
– 25
– 5
µA
VCS = 0.2 *
VQ_LDO1
3.4.150 Input
capacitance
C
I
–10
15
pF
0 V < VQ_LDO1 <
5.25 V
3.4.151 Input signal
rise time
t
r
–
–
200
ns
1)
3.4.152 Input signal
fall time
t
f
–
–
200
ns
1)
-40 < Tj <150 °C; VIN=13.5V unless otherwise specified
Item Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com