Electronic Components Datasheet Search
  English  ▼

X  

TLE6368 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 25Page - Infineon Technologies AG TLE6368 Datasheet HTML 26Page - Infineon Technologies AG TLE6368 Datasheet HTML 27Page - Infineon Technologies AG TLE6368 Datasheet HTML 28Page - Infineon Technologies AG TLE6368 Datasheet HTML 29Page - Infineon Technologies AG TLE6368 Datasheet HTML 30Page - Infineon Technologies AG TLE6368 Datasheet HTML 31Page - Infineon Technologies AG TLE6368 Datasheet HTML 32Page - Infineon Technologies AG TLE6368 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
29
Rev. 2.2, 2006-12-01
3.4
Electrical Characteristics
The electrical characteristics involve the spread of values guaranteed within the
specified supply voltage and ambient temperature range. Typical values represent the
median values at room temperature, which are related to production processes.
-40 < Tj <150 °C; VIN=13.5V unless otherwise specified
Item Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
typ.
max.
Buck regulator
3.4.1 Switching
frequency
fSW
280
370
425
kHz
3.4.2 Current
transition
time, min.,
rising edge
tr_I_SW
20
ns
RSL=0Ω;
1)
3.4.3 Current
transition
time, max.,
rising edge
tr_I_SW
100
ns
RSL=20kΩ;
1)
3.4.4 Current
transition
time, min.,
falling edge
tf_I_SW
20
ns
RSL=0Ω; 1)
3.4.5 Current
transition
time, max.,
falling edge
tf_I_SW
100
ns
RSL=20kΩ;
1)
3.4.6 Voltage rise /
fall time
tf_V_SW
25
ns
1)
3.4.7 Static on
resistance
RON
160
m
Ω
Tj=25°C
in static operation
3.4.8 Static on
resistance
RON
280
400
m
Ω
Tj=150°C
in static operation
3.4.9 Current limit
IMAX
1.5
3.2
A
VFB/L_IN=5.4V
3.4.10 Output
voltage
VOUT
5.40
6.05
V
IOUT=1.5A
VIN=13.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com