Electronic Components Datasheet Search
  English  ▼

X  

TLE6368 Datasheet(PDF) 54 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 54 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 50Page - Infineon Technologies AG TLE6368 Datasheet HTML 51Page - Infineon Technologies AG TLE6368 Datasheet HTML 52Page - Infineon Technologies AG TLE6368 Datasheet HTML 53Page - Infineon Technologies AG TLE6368 Datasheet HTML 54Page - Infineon Technologies AG TLE6368 Datasheet HTML 55Page - Infineon Technologies AG TLE6368 Datasheet HTML 56Page - Infineon Technologies AG TLE6368 Datasheet HTML 57Page - Infineon Technologies AG TLE6368 Datasheet HTML 58Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
54
Rev. 2.2, 2006-12-01
5.3
Reverse polarity protection
The Buck converter is due to the parasitic source drain diode of the DMOS not reverse
polarity protected. Therefore, as an example, the reverse polarity diode is shown in the
application circuit, in general the reverse polarity protection can be done in different
ways.
5.4
Linear voltage regulators (CLDO1, 2, 3)
As indicated before the linear regulators show stable operation with a minimum of 470nF
ceramic capacitors. To avoid a high ripple at the output due to load steps this output cap
might have to be increased to some few µF capacitors.
5.5
Linear voltage trackers (CT1,2,3,4,5,6)
The voltage trackers require at their outputs 1µF ceramic capacitors each to avoid some
oscillation at the output. If needed the tracker outputs can be connected in parallel, in that
the output capacitor increases linear according to the number of parallel outputs.
5.6
Reset outputs (R1,2,3)
The undervoltage/watchdog reset outputs are open drain structures and require external
pull up resistors in the range of 10k
Ω to the µC I/O voltage rail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com