Electronic Components Datasheet Search
  English  ▼

X  

TLE6368 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 13Page - Infineon Technologies AG TLE6368 Datasheet HTML 14Page - Infineon Technologies AG TLE6368 Datasheet HTML 15Page - Infineon Technologies AG TLE6368 Datasheet HTML 16Page - Infineon Technologies AG TLE6368 Datasheet HTML 17Page - Infineon Technologies AG TLE6368 Datasheet HTML 18Page - Infineon Technologies AG TLE6368 Datasheet HTML 19Page - Infineon Technologies AG TLE6368 Datasheet HTML 20Page - Infineon Technologies AG TLE6368 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
17
Rev. 2.2, 2006-12-01
been read in at the DI line becomes the new control word. The DO output switches to
tristate status at this point, thereby releasing the DO bus circuit for other uses. For details
of the SPI timing please refer to Figures 10 to 13.
The SPI will be reset to default values given in the following table “write bit meaning” if
the RAM good flag of Q_LDO1 indicates a cold start (lower output voltage than 3.3V).
The reset will be active as long as the power on reset is present so during the reset delay
time at power up no SPI commands are accepted.
The register content of the SPI - including watchdog timings and reset delay timings - is
maintained if the RAM good flag of Q_LDO1 indicates a warm start (i.e. Q_LDO1 did not
decrease below 3.3V).
2.12.1 Write mode
The following tables show the bit assignment to the different control functions, how to
change settings with the right bit combination and also the default status at power up.
2.12.2 Write mode bit assignment
Figure 8 Write Bit assignment
Write Bit meaning
Function
Bit
Combination
Default
Not assigned
D1
X
X
Tracker 1 to 6 - control:
turn on/off the individual trackers
D2
D3
D4
D5
D6
D7
0: OFF
1: ON
1
Power down:
send device to sleep
D8
0: SLEEP
1: NORMAL
1
WD_
OFF1
T6-
control
T5-
control
T4-
control
T6-
control
T2-
control
T1-
control
NOT
assigned
sleep
WD_
TRIG
WD_
OFF3
WD2
WD1
reset 2
reset 1
WD_
OFF2
1
1
1
1
1
1
1
X
1
0
1
0
0
1
1
0
BIT
Default
Name
D 15
D8
D9
D10
D11
D12
D13
D14
D7
DO
D1
D2
D3
D4
D5
D6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com